データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75BIM-3+ データシート(PDF) 4 Page - Maxim Integrated Products

部品番号 LM75BIM-3+
部品情報  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75BIM-3+ データシート(HTML) 4 Page - Maxim Integrated Products

  LM75BIM-3+ Datasheet HTML 1Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 2Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 3Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 4Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 5Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 6Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 7Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 8Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
240
250
260
270
280
290
300
230
-55
125
+VS = +5V
+VS = +3V
1
2
3
4
5
6
0
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
-55
125
+VS = +5V
+VS = +3V
ACCURACY vs. TEMPERATURE
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
TEMPERATURE (
°C)
95
65
35
5
-25
-55
125
4 TYPICAL PARTS
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
SDA
Serial-Data Input/Output Line. Open drain. Connect SDA to a pullup resistor.
2
SCL
Serial-Data Clock Input. Open drain. Connect SCL to a pullup resistor.
3
OS
Overtemperature Shutdown Output. Open drain. Connect OS to a pullup resistor.
4
GND
Ground
5A2
2-Wire Interface Address Input. Connect A2 to GND or +VS to set the desired I2C bus address. Do not
leave unconnected (see Table 1).
6A1
2-Wire Interface Address Input. Connect A1 to GND or +VS to set the desired I2C bus address. Do not
leave unconnected (see Table 1).
7A0
2-Wire Interface Address Input. Connect A0 to GND or +VS to set the desired I2C bus address. Do not
leave unconnected (see Table 1).
8+VS
Positive Supply Voltage Input. Bypass to GND with a 0.1µF bypass capacitor.


同様の部品番号 - LM75BIM-3+

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
LM75BIM-3++ MAXIM-LM75BIM-3+ Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results

同様の説明 - LM75BIM-3+

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com