データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-E304RD データシート(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BD-E304RD
部品情報  hi-eff red chips, which are made from GaAsP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E304RD データシート(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BD-E304RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E304RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E304RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E3
30
04
4R
RD
D
Ver.2.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.0
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
3.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
640
-
nm
Dominant Wave Length
λ
d
IF=10mA
626
-
636
nm
Spectral Line Half-width
∆λ
IF=10mA
-
45
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


同様の部品番号 - BD-E304RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD-B BRIGHT-BD-E302RD-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E305RD BRIGHT-BD-E305RD Datasheet
216Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E306RD BRIGHT-BD-E306RD Datasheet
143Kb / 3P
   0.30(7.620mm) DUAL DIGIT LED DISPLAY
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

同様の説明 - BD-E304RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BD-A514RE BRIGHT-BD-A514RE Datasheet
265Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-C304ND BRIGHT-BD-C304ND Datasheet
239Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E544RE BRIGHT-BD-E544RE Datasheet
192Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-2E2UW BRIGHT-BA-2E2UW Datasheet
213Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BA-3E12UW BRIGHT-BA-3E12UW Datasheet
179Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E524RD BRIGHT-BD-E524RD Datasheet
227Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-10E1UD BRIGHT-BA-10E1UD Datasheet
201Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-E324RD BRIGHT-BD-E324RD Datasheet
287Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BA-8E9UW BRIGHT-BA-8E9UW Datasheet
226Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-F304RD BRIGHT-BD-F304RD Datasheet
243Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com