データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-F836RD データシート(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BD-F836RD
部品情報  super red chips, which are made from AlGaAs on GaAs substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F836RD データシート(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-F836RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F836RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F836RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--F
F8
83
36
6R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
1.0
2.0
3.0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
570
0
0.5
1.0
600
630
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
20
10
30
40
20
40
60
80
0.5
50
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
660
690
Intensity VS.
720
750
佰鴻工業股份有限公司
http://www.brtled.com


同様の部品番号 - BD-F836RD

メーカー部品番号データシート部品情報
logo
Yellow Stone Corp
BD-F836RD YSTONE-BD-F836RD Datasheet
198Kb / 2P
   DUAL DIGIT LED DISPLAY
More results

同様の説明 - BD-F836RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-A546RD BRIGHT-BD-A546RD Datasheet
250Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-C516RD BRIGHT-BD-C516RD Datasheet
208Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E326RD BRIGHT-BD-E326RD Datasheet
259Kb / 4P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E546RD BRIGHT-BD-E546RD Datasheet
184Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BA-2S10UW BRIGHT-BA-2S10UW Datasheet
160Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com