データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA6940M データシート(PDF) 6 Page - Allegro MicroSystems

部品番号 STA6940M
部品情報  Brushed DC Motor Driver IC With PWM Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STA6940M データシート(HTML) 6 Page - Allegro MicroSystems

Back Button STA6940M Datasheet HTML 2Page - Allegro MicroSystems STA6940M Datasheet HTML 3Page - Allegro MicroSystems STA6940M Datasheet HTML 4Page - Allegro MicroSystems STA6940M Datasheet HTML 5Page - Allegro MicroSystems STA6940M Datasheet HTML 6Page - Allegro MicroSystems STA6940M Datasheet HTML 7Page - Allegro MicroSystems STA6940M Datasheet HTML 8Page - Allegro MicroSystems STA6940M Datasheet HTML 9Page - Allegro MicroSystems STA6940M Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Brushed DC Motor Driver IC With PWM Control
STA6940M
6
Basic Motor Control Functions
There are four states of motor output: free (coast), forward,
reverse, and brake. This section describes the inputs and the
MOSFET outputs that set these states.
Free (Coast)
This state is set by low signals on both the IN1 and
the IN2 logic inputs. All MOSFETs are turned off, and no current
flows through the device to the motor. The motor is totally free to
spin. The MOSFET states are shown in figure 1(A).
Forward
This state is set by a high signal on the IN1 input and
a low signal on the IN2 input. The high-side MOSFET on the
OA side is turned on, and the low-side MOSFET on the OB side
is turned on. Current flows through the device to drive motor
rotation (the terms "forward" and "reverse" only serve to indicate
opposite relative directions). The MOSFET states are shown in
figure 1(B).
Reverse
This state is set by a low signal on the IN1 input and a
high signal on the IN2 input. The low-side MOSFET on the OA
side is turned on, and the high-side MOSFET on the OB side is
turned on. Current flows through the device to drive motor rota-
tion (the terms "forward" and "reverse" only serve to indicate
opposite relative directions). The MOSFET states are shown in
figure 1(C).
Brake
This state is set by high signals on both the IN1 and the
IN2 logic inputs. Both high-side MOSFETs are turned off, and
both low-side MOSFETs are turned on. The motor coils are
shorted together providing resistance to rotation. The MOSFET
states are shown in figure 1(D).
Motor
VM
OA
OB
OFF
OFF
OFF
OFF
Rs
Motor
VM
OA
OB
ON
OFF
OFF
ON
IM
Rs
Motor
VM
OA
OB
OFF
ON
ON
OFF
IM
Rs
Motor
VM
OA
OB
OFF
OFF
ON
ON
Rs
Figure 1. The panels demonstrate the MOSFET switching
conditions and the resulting current flow for each of the
four motor control states.
(A) Free (coast)
(B) Forward
(C) Reverse
(D) Brake
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


同様の部品番号 - STA6940M

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
More results

同様の説明 - STA6940M

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
   3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Texas Instruments
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
[Old version datasheet]   3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
   PWM Chopper-Type Brushed DC Motor driver
2015-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com