データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FO1006-1-1-101650A データシート(PDF) 1 Page - Glenair, Inc.

部品番号 FO1006-1-1-101650A
部品情報  Fiber Optic Patch Cord
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1006-1-1-101650A データシート(HTML) 1 Page - Glenair, Inc.

  FO1006-1-1-101650A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
FO1006
Glenair Fiber Optic Patch Cord
APPLICATION NOTES
1. Optical performance: insertion loss to be less than 1.5 dB
when measured at 850 nm wavelength for Multimode
and 1310 nm wavelength for Singlemode.
2. Assy is marked with the Glenair PN in two places.
3 “A” Temperature rating use TRA-BOND F113 Epoxy.
“B” Temperature rating use EPO-TEK 353ND Epoxy.
“C” Temperature rating as per customer specification.
4. Metric dimensions (mm) are indicated in parentheses.
5. For angle polish, add “A” to end of Connector/Terminus
Type Number (otherwise omit). Type numbers, 4, 5, 11,
12 14, and 15 do not allow angle polish.
6. For military qualified product, add “M” to end of
Connector/Terminus Type number (otherwise omit).
Type number 4, 5, 14, and 15 only.
STANDARD
TOLERANCE
LENGTH
TOLERANCE
5 in to 2 ft.
+1 in -0
2 to 10 ft.
+3 in -0
10 to 50 ft.
+6 in -0
50 to 100 ft.
+1 ft -0
100 ft. and up
+2 ft -0
4.0" (101.6) Max
4.0" (101.6) Max
See P/N Development
End A
End B
See Note 2
See Note 2
Product Series
Basic Number
Connector/Terminus Type
0 = ST Connector, M83522/16 Style
1 = ST Connector
2 = FC Connector
3 = SC Connector
4 = Glenair Socket Terminus M29504/5 Style (181-001)
5 = Glenair Pin Terminus M29504/4 Style (181-002)
6 = SMA Connector (906)
7 = LC Connector
8 = SMA Connector (905)
9 = Customer Specified
10 = GHD Terminus, PC (181-047)
11 = Glenair Pin Terminus, Front Release (181-012)
12 = Glenair Socket Terminus, Front Release (181-011)
13 = Left Blank for Future Use
14 = Glenair Pin Terminus, M29504/14 Style (181-039)
15 = Glenair Socket Terminus, M29504/15 Style (181-040)
FO 1006-1-1-XXXX-09 A
Temperature Rating
A = -40°C to +85°C
B = -55°C to +125°C
C = Customer Specified
(See Note 3)
Fiber Size
05 = 5.8/125 Singlemode
07 = 7.5/125 Singlemode
09 = 9.3/125 Singlemode
50 = 50/125 Multimode
62 = 62.5/125 Multimode
10 = 100/140 Multimode
20 = 200/230 Multimode
1K = 1000uM Multimode
CS = Customer Specified Singlemode
CM = Customer Specified Multimode
Length (Inches)
End A
End B


同様の部品番号 - FO1006-1-1-101650A

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

同様の説明 - FO1006-1-1-101650A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DK-2611-01 ETC2-DK-2611-01 Datasheet
720Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
DK-2631-01 ETC2-DK-2631-01 Datasheet
704Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / ST
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
DK-2632-01 ETC2-DK-2632-01 Datasheet
671Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / SC
ADT-01-1192-1313-0007 ETC-ADT-01-1192-1313-0007 Datasheet
256Kb / 1P
   Fiber Optic Patch Cord MDC/UPC-MDC/UPC G657A1 OFNR 2.0mm
Rev. A
ADT-01-1192-1313-0008 ETC-ADT-01-1192-1313-0008 Datasheet
256Kb / 1P
   Fiber Optic Patch Cord MDC/UPC-MDC/UPC OM3-300 OFNR 2.0mm
Rev. A
logo
PANDUIT CORP.
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
   Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
logo
Switchcraft, Inc.
18QN18 SWITCH-18QN18 Datasheet
63Kb / 2P
   PATCH CORD
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com