データシートサーチシステム |
|
FO1005S-08-3 データシート(PDF) 1 Page - Glenair, Inc. |
|
FO1005S-08-3 データシート(HTML) 1 Page - Glenair, Inc. |
1 / 2 page B-44 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com Glenair ASAP Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly with Low-Profile Backshell and Conduit D38999 Series III to ST, FC, SC, LC & SMA The Perfect Amount of Mechanical Protection for Fiber Media in Non-Environmental Applications Protective Conduit The use of a short length of conduit and a low-profile connector/conduit adapter is recommended in applications where a heat or abrasion source within the box may damage the fiber media. In most cases, analysis of the available space is critical to insure the additional interconnect hardware does not interfere with the electronics package inside the box. The packaging of a pigtail assembly with a protective length of conduit is appropriate for all types of equipment—such as radar units, cameras, shipboard consoles, antennas and so on—in which the routing of the fiber cable within the equipment enclosure may expose the media to damage. This Glenair ASAP Fiber Optic Pigtail Assembly is well suited whenever the prevention of damage to the fiber media inside the box is a design requirement. The turnkey assembly includes fiber optic wiring, Glenair Conduit Adapter, High-Temperature Convoluted Tubing and Shrink Boot, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and customer specified marking and labeling. PRODUCT FEATURES Jam-Nut and Wall Mount D38999 Series III Style Fiber Optic Receptacle Connectors in Aluminum, Composite or Stainless Steel ST, FC, SC, LC and SMA to D38999 Series III Configurations High-Temperature and Halogen Free Protective Convoluted Tubing Options Single and Multimode Fiber Media Military Standard Dust Caps MIL-PRF-29504 Approved Termini Multichannel Capability: From 2 to 37 Channels Custom Overall and Break-out Lengths Available |
同様の部品番号 - FO1005S-08-3 |
|
同様の説明 - FO1005S-08-3 |