データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FO1005P-08-8 データシート(PDF) 1 Page - Glenair, Inc.

部品番号 FO1005P-08-8
部品情報  Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1005P-08-8 データシート(HTML) 1 Page - Glenair, Inc.

  FO1005P-08-8 Datasheet HTML 1Page - Glenair, Inc. FO1005P-08-8 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-44
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Glenair ASAP Fiber Optic Cable Sets
Inside-the-Box Receptacle/Pigtail Assembly
with Low-Profile Backshell and Conduit
D38999 Series III to ST, FC, SC, LC & SMA
The Perfect Amount of Mechanical Protection for
Fiber Media in Non-Environmental Applications
Protective Conduit
The use of a short length of conduit and a low-profile connector/conduit adapter is
recommended in applications where a heat or abrasion source within the box may damage the
fiber media. In most cases, analysis of the available space is critical to insure the additional
interconnect hardware does not interfere with the electronics package inside the box. The
packaging of a pigtail assembly with a protective length of conduit is appropriate for all types
of equipment—such as radar units, cameras, shipboard consoles, antennas and so on—in
which the routing of the fiber cable within the equipment enclosure may expose the media to
damage. This Glenair ASAP Fiber Optic Pigtail Assembly is well suited whenever the prevention
of damage to the fiber media inside the box is a design requirement. The turnkey assembly
includes fiber optic wiring, Glenair Conduit Adapter, High-Temperature Convoluted Tubing and
Shrink Boot, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and
customer specified marking and labeling.
PRODUCT FEATURES
Jam-Nut and Wall Mount D38999 Series III Style
Fiber Optic Receptacle Connectors in Aluminum,
Composite or Stainless Steel
ST, FC, SC, LC and SMA to D38999 Series III
Configurations
High-Temperature and Halogen Free Protective
Convoluted Tubing Options
Single and Multimode Fiber Media
Military Standard Dust Caps
MIL-PRF-29504 Approved Termini
Multichannel Capability: From 2 to 37 Channels
Custom Overall and Break-out Lengths Available


同様の部品番号 - FO1005P-08-8

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

同様の説明 - FO1005P-08-8

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1004P-06-0 GLENAIR-FO1004P-06-0 Datasheet
433Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1003P05-0 GLENAIR-FO1003P05-0 Datasheet
365Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
FO1001P05P05 GLENAIR-FO1001P05P05 Datasheet
305Kb / 2P
   Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FA02454 GLENAIR-FA02454 Datasheet
100Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03286 GLENAIR-FA03286 Datasheet
98Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
Molex Electronics Ltd.
88526-2602 MOLEX11-88526-2602 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-2603 MOLEX11-88526-2603 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com