データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FO1005S-08-8 データシート(PDF) 2 Page - Glenair, Inc.

部品番号 FO1005S-08-8
部品情報  Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1005S-08-8 データシート(HTML) 2 Page - Glenair, Inc.

  FO1005S-08-8 Datasheet HTML 1Page - Glenair, Inc. FO1005S-08-8 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-45
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Reference Part Number Development:
A
CONNECTOR
B
CONNECTOR
L
LENGTH
L2
LENGTH
*See Page B-10 for Insert Arrangements
Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
Basic part Number
Terminus Type
P = Pin Terminus
S = Socket Terminus
A Connector Type
06 = D38999/26 Style Plug
08 = D38999/24 Style Jam-Nut Receptacle
H7 = D38999/20 Style Wall Mount
Receptacle (Std.)
S7 = D38999/20 Style Wall Mount
Receptacle (Slotted)
T7 = D38999/20 Style Wall Mount
Receptacle (Tapped)
B Connector Type
0 = ST M83522 Style
1 = ST Connector
2 = FC Connector
3 = SC Connector
4 = SC Duplex
4 = SMA Connector (906 Type)
5 = SMA Connector (905 Type)
7 = LC Connector
8= LC Duplex
9 = Customer Specified
Connector/Backshell Class
F = Aluminum, Electroless Nickel Plating
J = Composite, Olive Drab Cadmium Plating
K = Stainless Steel, Passivated
M = Composite, Electroless Nickel Plating
W = Aluminum, Olive Drab Cadmium Plating
FO1005 P - 08 - 1 W 02 62 6 12 L
Protective Cover
L = Less Cover
Omit for with Cover
"L2" Length in Inches
"L" Length in Inches
Fiber Size
09 = 9.3/125 Singlemode
50 = 50/125 Multimode
62 = 62.5/125 Multimode
10 = 100/140 Multimode
20 = 200/230 Multimode
Number of Fibers*
02 = 2 Fibers (Shell Size 11)
04 = 4 Fibers (Shell Size 13)
05 = 5 Fibers (Shell Size 15)
08 = 8 Fibers (Shell Size 17)
11 = 11 Fibers (Shell Size 19)
16 = 16 Fibers (Shell Size 21)
21 = 21 Fibers ( Shell Size 23)
29 = 29 Fibers (Shell Size 25)
37 = 37 Fiber (Shell Size 25)
Glenair ASAP Fiber Optic Cable Sets
Inside-the-Box Receptacle/Pigtail Assembly
with Low-Profile Backshell and Conduit
D38999 Series III to ST, FC, SC, LC & SMA
Please Reference Special Marking,
Labels Or Other Identification
Specifications on Your Purchase
Order. Unless Indicated, “B”
Connector Identification Will Follow
“A” Connector Pin Designations.


同様の部品番号 - FO1005S-08-8

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

同様の説明 - FO1005S-08-8

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1004P-06-0 GLENAIR-FO1004P-06-0 Datasheet
433Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1003P05-0 GLENAIR-FO1003P05-0 Datasheet
365Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
FO1001P05P05 GLENAIR-FO1001P05P05 Datasheet
305Kb / 2P
   Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FA02454 GLENAIR-FA02454 Datasheet
100Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03286 GLENAIR-FA03286 Datasheet
98Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
Molex Electronics Ltd.
88526-2602 MOLEX11-88526-2602 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-2603 MOLEX11-88526-2603 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com