データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA31-1 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA31-1
部品情報  Cascadable Amplifier 100 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA31-1 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA31-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA31-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
100 to 2000 MHz
Rev. V3
A31-1 / SMA31-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-2050
10-2000
10-2000
Small Signal Gain (min)
dB
11.5
11.0
10.5
Gain Flatness (max)
dB
±0.4
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
-2.0
-4.0
-4.5
IP3
dBm
+9
IP2
dBm
+10
Second Order Harmonic IP
dBm
+15
VSWR Input / Output (max)
1.5:1 / 1.3:1
2.0:1 / 2.0:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
9
11
12
Features
• LOW NOISE: <3.5 dB (TYP.)
• LOW VSWR: 1.5:1 (TYP.)
Description
The A31-1 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A31-1
TO-8
SMA31-1
Surface Mount
CA31-1 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+18 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
185ºC/W
Transistor Power Dissipation Pd
0.050 W
Junction Temperature Rise
Above Case Tjc
+9ºC
* Over temperature performance limits for part number CA31-1, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


同様の部品番号 - CA31-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA31-1 MACOM-CA31-1 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
CA31-1 MA-COM-CA31-1 Datasheet
641Kb / 3P
   Cascadable Amplifier
More results

同様の説明 - CA31-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A32 MACOM-A32_1 Datasheet
368Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com