データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA34 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA34
部品情報  Cascadable Amplifier 100 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA34 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA34 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA34 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
100 to 2000 MHz
Rev. V4
A34 / SMA34
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
30-2100
100-2000
100-2000
Small Signal Gain (min)
dB
16.0
15.0
14.
Gain Flatness (max)
dB
±0.5
±0.7
±1.0
Reverse Isolation
dB
30
Noise Figure (max)
dB
5.5
6.5
7.0
Power Output
@ 1 dB comp. (min)
dBm
7.0
6.0
5.0
IP3
dBm
+18
IP2
dBm
+42
Second Order Harmonic IP
dBm
+46
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
35
39
41
Features
• HIGH GAIN—TWO STAGES: 16 dB (TYP.)
• ULTRALOW PHASE DEVIATION FROM LINEARITY:
<±3O ; 500-200 MHz
• LOW VSWR:<1.5:1 (TYP.)
• MEDIUM LEVEL OUTPUT: +7 dBm (TYP.)
Description
The A34 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A34
TO-8
SMA34
Surface Mount
CA34 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+20 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
160ºC/W
Transistor Power Dissipation Pd
0.178 W
Junction Temperature Rise
Above Case Tjc
28ºC
* Over temperature performance limits for part number CA34, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


同様の部品番号 - CA34

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA34 MACOM-CA34 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CA34 MA-COM-CA34 Datasheet
638Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
CA3410A HARRIS-CA3410A Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results

同様の説明 - CA34

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A32 MACOM-A32_1 Datasheet
368Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com