データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM05-0006-TB データシート(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

部品番号 AM05-0006-TB
部品情報  High Intercept Amplifier, 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM05-0006-TB データシート(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM05-0006-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM05-0006-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM05-0006-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
High Intercept Amplifier,
15 - 100 MHz
Rev. V2
AM05-0006
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
Part Number
Package
AM05-0006
Bulk Packaging
AM05-0006TR
Tape and Reel (1K Reel)
AM05-0006-TB
Device provided on Test Board
Typical Performance Curves


同様の部品番号 - AM05-0006-TB

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM05-0006-TB MACOM-AM05-0006-TB Datasheet
242Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006-TB MACOM-AM05-0006-TB Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
More results

同様の説明 - AM05-0006-TB

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0005 MACOM-AM05-0005 Datasheet
241Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005 MA-COM-AM05-0005 Datasheet
94Kb / 3P
   High Intercept Amplifier 15 - 100 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
   100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com