データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FO1002PT7PT7 データシート(PDF) 2 Page - Glenair, Inc.

部品番号 FO1002PT7PT7
部品情報  Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1002PT7PT7 データシート(HTML) 2 Page - Glenair, Inc.

  FO1002PT7PT7 Datasheet HTML 1Page - Glenair, Inc. FO1002PT7PT7 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-39
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Glenair ASAP Fiber Optic Cable Sets
Field Repairable Banding Backshell Assembly
D38999 Series III to D38999 Series III
A
CONNECTOR END
B
CONNECTOR END
L
LENGTH
Reference Part Number Development:
FO1002 P 06 P 06 J 04 - 62 - 100 L
Basic part Number
A Terminus Type
P = Pin Terminus
S = Socket Terminus
A Connector Type
05 = D38999 Style In-Line Receptacle
06 = D38999/26 Style Plug
08 = D38999/24 Style Jam-Nut Receptacle
H7 = D38999/20 Style Wall Mount Receptacle (Std.)
S7 = D38999/20 Style Wall Mount Receptacle (Slotted)
T7 = D38999/20 Style Wall Mount Receptacle (Tapped)
B Terminus Type
P = Pin Terminus
S = Socket Terminus
B Connector Type
05 = D38999 Style In-Line Receptacle
06 = D38999/26 Style Plug
08 = D38999/24 Style Jam-Nut Receptacle
H7 = D38999/20 Style Wall Mount Receptacle (Std.)
S7 = D38999/20 Style Wall Mount Receptacle (Slotted)
T7 = D38999/20 Style Wall Mount Receptacle (Tapped)
Connector/Backshell Class
F = Aluminum, Electroless Nickel Plating
J = Composite, Olive Drab Cadmium Plating
K = Stainless Steel, Passivated
M = Composite, Electroless Nickel Plating
W = Aluminum, Olive Drab Cadmium Plating
Protective Covers
L = Less Covers
Omit for with Covers
Length in Feet
Fiber Size
09 = 9.3/125 Singlemode
50 = 50/125 Multimode
62 = 62.5/125 Multimode
10 = 100/140 Multimode
20 = 200/230 Multimode
Number of Fibers*
02 = 2 Fibers (Shell Size 11)
04 = 4 Fibers (Shell Size 13)
05 = 5 Fibers (Shell Size 15)
08 = 8 Fibers (Shell Size 17)
11 = 11 Fibers (Shell Size 19)
16 = 16 Fibers (Shell Size 21)
21 = 21 Fibers ( Shell Size 23)
29 = 29 Fibers (Shell Size 25)
37 = 37 Fiber (Shell Size 25)
*See Page B-10 for Insert Arrangements
Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
Standard Cable Make-Up:
2mm Jacketed Fiber, Polyurethane Jacketing,
Kevlar Reinforcement, Nominal Temperature
Range -40° to +85°C.
Please Reference Special Marking, Labels Or
Other Identification Specifications on Your
Purchase Order


同様の部品番号 - FO1002PT7PT7

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

同様の説明 - FO1002PT7PT7

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
FO1001P05P05 GLENAIR-FO1001P05P05 Datasheet
305Kb / 2P
   Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
FO1005P-06-0 GLENAIR-FO1005P-06-0 Datasheet
326Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1004P-06-0 GLENAIR-FO1004P-06-0 Datasheet
433Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1003P05-0 GLENAIR-FO1003P05-0 Datasheet
365Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
557-108M2 GLENAIR-557-108M2 Datasheet
135Kb / 2P
   EMI/RFI Banding Backshell Assembly
557398M GLENAIR-557398M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557367M GLENAIR-557367M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com