データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5292BRUZ-20 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5292BRUZ-20
部品情報  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-20 データシート(HTML) 4 Page - Analog Devices

  AD5292BRUZ-20 Datasheet HTML 1Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 2Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 3Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 4Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 5Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 10
Bandwidth
BW
−3 dB
520
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
−93
dB
VW Settling Time
tS
VA = 30 V, VB = 0 V, ±0.5 LSB error
band, initial code = zero scale
Code = full scale, normal mode
750
ns
Code = full scale, R-Perf mode
2.5
μs
Code = half scale, normal mode
2.5
μs
Code = half scale, R-Perf mode
5
μs
Resistor Noise Density
eN_WB
RWB = 10 kΩ, TA = 25°C, 0 kHz to
200 kHz
0.11
nV/√Hz
1 Typical values represent average readings at 25°C, VDD = 15 V, VSS = −15 V, and VLOGIC = 5 V.
2 Resistor position nonlinearity error. R-INL is the deviation from an ideal value measured between the RWB at Code 0x02 and the RWB at Code 0xFF or between RWA at
Code 0xFD and RWA at Code 0x00. R-DNL measures the relative step change from ideal between successive tap positions. The specification is guaranteed in resistor
performance mode, with a wiper current of 1 mA for VA < 12 V and 1.2 mA for VA ≥ 12 V.
3 Resistor performance mode (see the Resistor Performance Mode section). The terms resistor performance mode and R-Perf mode are used interchangeably.
4 Guaranteed by design and characterization, not subject to production test.
5 INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground-
referenced bipolar signal adjustment.
7 Different from operating current; supply current for fuse program lasts approximately 550 μs.
8 Different from operating current; supply current for fuse read lasts approximately 550 μs.
9 PDISS is calculated from (IDD × VDD) + (ISS × VSS) + (ILOGIC × VLOGIC).
10 All dynamic characteristics use VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
RESISTOR PERFORMANCE MODE CODE RANGE—AD5291
Table 2.
Resistor
Tolerance per
Code
|VDD − VSS| = 30 V to 33 V
|VDD − VSS| = 26 V to 30 V
|VDD − VSS| = 22 V to 26 V
|VDD − VSS| = 21 V to 22 V
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x5A
to 0xFF
From 0x00
to 0xA5
From 0x7D
to 0xFF
From 0x00
to 0x82
From 0x7D
to 0xFF
From 0x00
to 0x82
N/A
N/A
2% R-Tolerance
From 0x23
to 0xFF
From 0x00
to 0xDC
From 0x2D
to 0xFF
From 0x00
to 0xD2
From 0x23
to 0xFF
From 0x00
to 0xDC
From 0x23
to 0xFF
From 0x00
to 0xDC
3% R-Tolerance
From 0x1E
to 0xFF
From 0x00
to 0xE1
From 0x19
to 0xFF
From 0x00
to 0xE6
From 0x17
to 0xFF
From 0x00
to 0xE8
From 0x17
to 0xFF
From 0x00
to 0xE8


同様の部品番号 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

同様の説明 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com