データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5292BRUZ-20 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5292BRUZ-20
部品情報  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-20 データシート(HTML) 7 Page - Analog Devices

Back Button AD5292BRUZ-20 Datasheet HTML 3Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 4Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 5Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 9Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 10Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 7 of 28
INTERFACE TIMING SPECIFICATIONS
VDD/VSS = ±15 V, VLOGIC = 2.7 V to 5.5 V, −40°C < TA < + 105°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Limit1
Unit
Description
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t8
4003
ns min
Minimum SYNC high time
t9
14
ns min
SYNC rising edge to next SCLK fall ignore
t104
1
ns min
RDY rising edge to SYNC falling edge
t114
40
ns max
SYNC rising edge to RDY fall time
t124
2.4
μs max
RDY low time, RDAC register write command execute time (R-Perf mode)
t124
410
ns max
RDY low time, RDAC register write command execute time (normal mode)
t124
8
ms max
RDY low time, memory program execute time
t124
1.5
ms min
Software\hardware reset
t134
450
ns max
RDY low time, RDAC register readback execute time
t134
1.3
ms max
RDY low time, memory readback execute time
t144
450
ns max
SCLK rising edge to SDO valid
tRESET
20
ns min
Minimum RESET pulse width (asynchronous)
tPOWER-UP5
2
ms max
Power-on OTP restore time
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 50 MHz.
3 Refer to t12 and t13 for RDAC register and memory commands operations.
4 RPULL_UP = 2.2 kΩ to VLOGIC, with a capacitance load of 168 pF.
5 Typical power supply voltage slew rate of 2 ms/V.
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. AD5291/AD5292 Shift Register Content


同様の部品番号 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

同様の説明 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com