データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5750 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5750
部品情報  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5750 データシート(HTML) 6 Page - Analog Devices

Back Button AD5750_09 Datasheet HTML 2Page - Analog Devices AD5750_09 Datasheet HTML 3Page - Analog Devices AD5750_09 Datasheet HTML 4Page - Analog Devices AD5750_09 Datasheet HTML 5Page - Analog Devices AD5750_09 Datasheet HTML 6Page - Analog Devices AD5750_09 Datasheet HTML 7Page - Analog Devices AD5750_09 Datasheet HTML 8Page - Analog Devices AD5750_09 Datasheet HTML 9Page - Analog Devices AD5750_09 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 6 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Offset Error TC3
±3
ppm FSR/°C
All ranges
Bipolar Zero Error
−35
+35
μA
±20 mA, ±24 mA ranges
−24
+15
+24
μA
TA = 25°C
Bipolar Zero TC3
±0.5
ppm FSR/°C
Gain Error
−0.2
+0.2
% FSR
4 mA to 20 mA, 0 mA to 20 mA, 0 mA
to 24 mA ranges
−0.25
+0.25
% FSR
±20 mA, ±24 mA ranges
−0.03
±0.006
+0.03
% FSR
TA = 25°C
Gain TC3
±8
ppm FSR/°C
All ranges
Full-Scale Error
−0.2
+0.2
% FSR
All ranges
−0.125
±0.02
+0.125
% FSR
TA = 25°C
Full-Scale TC3
±4
ppm FSR/°C
All ranges
ACCURACY, EXTERNAL RSET
Total Unadjusted Error (TUE)
B Version2
−0.1
+0.1
% FSR
−0.08
±0.03
+0.08
% FSR
TA = 25°
A Version2
−0.3
+0.3
% FSR
−0.1
±0.02
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
4 mA to 20 mA, 0 mA to 20 mA, 0 mA
to 24 mA ranges
−0.03
±0.015
+0.03
% FSR
±20 mA, ±24 mA ranges
Offset Error
−14
+14
μA
4 mA to 20 mA, 0 mA to 20 mA, 0 mA
to 24 mA ranges
−11
+5
+11
μA
TA = 25°C
−20
+20
μA
±20 mA, ±24 mA ranges
−15
+8
+15
μA
TA = 25°C
Offset Error TC3
±2
ppm FSR/°C
All ranges
Bipolar Zero Error
−32
+32
μA
All ranges
−22
+12
+22
μA
TA = 25°C
Bipolar Zero TC3
±0.5
ppm FSR/°C
Gain Error
−0.08
+0.08
% FSR
All ranges
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Gain TC
±1
ppm FSR/°C
All ranges
Full-Scale Error
−0.1
+0.1
% FSR
All ranges
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Full-Scale TC3
±2
ppm FSR/°C
All ranges
CURRENT OUTPUT CHARACTERISTICS3
Current Loop Compliance Voltage
0
AVDD − 2.75
V
Resistive Load
See test conditions/comments
column
Chosen such that compliance is not
exceeded
Inductive Load
See test conditions/comments
column
Needs appropriate capacitor at higher
inductance values; see the Driving
Inductive Loads section
Settling Time
4 mA to 20 mA, Full-Scale Step
8.5
μs
250 Ω load
4 mA to 20 mA Range, 120 μA Step
1.2
μs
250 Ω load
DC PSRR
1
μA/V
Output Impedance
130
VOUT/VSENSE− Error
0.9994
1.0006
Gain
Error in VOUT voltage due to changes
in VSENSE−; specified as gain, for
example, if VSENSE− moves by 1 V,
then VOUT moves by 0.9994 V


同様の部品番号 - AD5750_09

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5750-1 AD-AD5750-1 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ AD-AD5750-1ACPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL AD-AD5750-1ACPZ-REEL Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL7 AD-AD5750-1ACPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1BCPZ AD-AD5750-1BCPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

同様の説明 - AD5750_09

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com