データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7192 データシート(PDF) 5 Page - Analog Devices

部品番号 AD7192
部品情報  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7192 データシート(HTML) 5 Page - Analog Devices

  AD7192 Datasheet HTML 1Page - Analog Devices AD7192 Datasheet HTML 2Page - Analog Devices AD7192 Datasheet HTML 3Page - Analog Devices AD7192 Datasheet HTML 4Page - Analog Devices AD7192 Datasheet HTML 5Page - Analog Devices AD7192 Datasheet HTML 6Page - Analog Devices AD7192 Datasheet HTML 7Page - Analog Devices AD7192 Datasheet HTML 8Page - Analog Devices AD7192 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD7192
Rev. A | Page 5 of 40
Parameter
AD7192B
Unit
Test Conditions/Comments1
Average Reference Input Current
Drift
±0.03
nA/V/°C typ
External clock.
±1.3
nA/V/°C typ
Internal clock.
Normal Mode Rejection2
Same as for analog inputs
Common-Mode Rejection
100
dB typ
Reference Detect Levels
0.3
V min
0.6
V max
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Applies after user calibration at 25°C.
Sensitivity
2815
Codes/°C typ
Bipolar mode.
BRIDGE POWER-DOWN SWITCH
RON
10
Ω max
Allowable Current2
30
mA max
Continuous current.
BURNOUT CURRENTS
AIN Current
500
nA nom
Analog inputs must be buffered and chop
disabled.
DIGITAL OUTPUTS (P0 to P3)
Output High Voltage, VOH
AVDD − 0.6
V min
AVDD = 3 V, ISOURCE = 100 μA.
Output Low Voltage, VOL
0.4
V max
AVDD = 3 V, ISINK = 100 μA.
Output High Voltage, VOH
4
V min
AVDD = 5 V, ISOURCE = 200 μA.
Output Low Voltage, VOL
0.4
V max
AVDD = 5 V, ISINK = 800 μA.
Floating-State Leakage Current2
±100
nA max
Floating-State Output
Capacitance
10
pF typ
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
4.92 ± 4%
MHz min/max
Duty Cycle
50:50
% typ
External Clock/Crystal
Frequency
4.9152
MHz nom
2.4576/5.12
MHz min/max
Input Low Voltage VINL
0.8
V max
DVDD = 5 V.
0.4
V max
DVDD = 3 V.
Input High Voltage, VINH
2.5
V min
DVDD = 3 V.
3.5
V min
DVDD = 5 V.
Input Current
±10
μA max
LOGIC INPUTS
Input High Voltage, VINH2
2
V min
Input Low Voltage, VINL2
0.8
V max
Hysteresis2
0.1/0.25
V min/V max
Input Currents
±10
μA max
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 3 V, ISINK = 100 μA.
Output High Voltage, VOH2
4
V min
DVDD = 5 V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA.
Floating-State Leakage Current
±10
μA max
Floating-State Output
Capacitance
10
pF typ
Data Output Coding
Offset binary


同様の部品番号 - AD7192

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7192BRUZ AD-AD7192BRUZ Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7192BRUZ-REEL AD-AD7192BRUZ-REEL Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results

同様の説明 - AD7192

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com