データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7193BRUZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD7193BRUZ
部品情報  4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7193BRUZ データシート(HTML) 6 Page - Analog Devices

Back Button AD7193BRUZ Datasheet HTML 2Page - Analog Devices AD7193BRUZ Datasheet HTML 3Page - Analog Devices AD7193BRUZ Datasheet HTML 4Page - Analog Devices AD7193BRUZ Datasheet HTML 5Page - Analog Devices AD7193BRUZ Datasheet HTML 6Page - Analog Devices AD7193BRUZ Datasheet HTML 7Page - Analog Devices AD7193BRUZ Datasheet HTML 8Page - Analog Devices AD7193BRUZ Datasheet HTML 9Page - Analog Devices AD7193BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD7193
Rev. A | Page 6 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V
Zero-Scale Calibration
Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER REQUIREMENTS7
Power Supply Voltage
AVDD − AGND
3
5.25
V
DVDD − DGND
2.7
5.25
V
Power Supply Currents
AIDD Current
0.85
1
mA
Gain = 1, buffer off
1
1.25
mA
Gain = 1, buffer on
2.8
3.6
mA
Gain = 8, buffer off
3.2
3.9
mA
Gain = 8, buffer on
3.8
4.7
mA
Gain = 16 to 128, buffer off
4.3
5.3
mA
Gain = 16 to 128, buffer on
DIDD Current
0.35
0.4
mA
DVDD = 3 V
0.5
0.6
mA
DVDD = 5 V
1.5
mA
External crystal used
IDD
3
μA
Power-down mode
1 Temperature range: −40°C to +105°C.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 FS[9:0] is the decimal equivalent of Bit FS9 to Bit FS0 in the mode register.
4 Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed gain and output data rate selected. A system full-
scale calibration reduces the gain error to the order of the noise for the programmed gain and output data rate.
5 The analog inputs are configured for differential mode.
6 REJ60 is a bit in the mode register. When the first notch of the sinc filter is at 50 Hz, a notch is placed at 60 Hz when REJ60 is set to 1. This gives simultaneous
50 Hz/60 Hz rejection.
7 Digital inputs equal to DVDD or DGND.


同様の部品番号 - AD7193BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7193BRUZ AD-AD7193BRUZ Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7193BRUZ-REEL AD-AD7193BRUZ-REEL Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
More results

同様の説明 - AD7193BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com