データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8227BRMZ-RL データシート(PDF) 5 Page - Analog Devices

部品番号 AD8227BRMZ-RL
部品情報  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8227BRMZ-RL データシート(HTML) 5 Page - Analog Devices

  AD8227BRMZ-RL Datasheet HTML 1Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 2Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 3Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 4Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 5Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 6Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 7Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 8Page - Analog Devices AD8227BRMZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8227
Rev. 0 | Page 5 of
24
+VS = 2.7 V, −VS = 0 V, VREF = 0 V, TA = 25°C, G = 5, RL = 10 kΩ, specifications referred to input, unless otherwise noted.
Table 3.
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
VCM = 0 V to 1.7 V
DC to 60 Hz
G = 5
90
100
dB
G = 10
96
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
5 kHz
G = 5
80
80
dB
G = 10
86
86
dB
G = 100
86
86
dB
G = 1000
86
86
dB
NOISE
Total noise:
eN = √(eNI2 + (eNO/G)2)
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
25
28
25
28
nV/√Hz
Output Voltage Noise, eNO
310
330
310
330
nV/√Hz
RTI
f = 0.1 Hz to 10 Hz
G = 5
1.5
1.5
μV p-p
G = 10
0.8
0.8
μV p-p
G = 100 to 1000
0.5
0.5
μV p-p
Current Noise
f = 1 kHz
100
100
fA/√Hz
f = 0.1 Hz to 10 Hz
3
3
pA p-p
VOLTAGE OFFSET
Total offset voltage:
VOS = VOSI + (VOSO/G)
Input Offset, VOSI
VS = 0 V to 1.7 V
200
100
μV
Average Temperature Drift
TA = −40°C to +125°C
0.2
2
0.2
1
μV/°C
Output Offset, VOSO
VS = 0 V to 1.7 V
1000
500
μV
Average Temperature Drift
TA = −40°C to +125°C
2
10
2
5
μV/°C
Offset RTI vs. Supply (PSR)
VS = 0 V to 1.7 V
G = 5
90
100
dB
G = 10
96
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
INPUT CURRENT
Input Bias Current1
TA = +25°C
5
20
27
5
20
27
nA
TA = +125°C
5
15
25
5
15
25
nA
TA = −40°C
5
30
35
5
30
35
nA
Average Temperature Drift
TA = −40°C to +125°C
70
70
pA/°C
Input Offset Current
TA = +25°C
1.5
1.5
nA
TA = +125°C
1.5
1.5
nA
TA = −40°C
2
2
nA
Average Temperature Drift
TA = −40°C to +125°C
5
5
pA/°C
REFERENCE INPUT
RIN
60
60
IIN
12
12
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%


同様の部品番号 - AD8227BRMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8227BRMZ-RL1 AD-AD8227BRMZ-RL1 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results

同様の説明 - AD8227BRMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com