データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9267 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9267
部品情報  10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9267 データシート(HTML) 10 Page - Analog Devices

Back Button AD9267 Datasheet HTML 6Page - Analog Devices AD9267 Datasheet HTML 7Page - Analog Devices AD9267 Datasheet HTML 8Page - Analog Devices AD9267 Datasheet HTML 9Page - Analog Devices AD9267 Datasheet HTML 10Page - Analog Devices AD9267 Datasheet HTML 11Page - Analog Devices AD9267 Datasheet HTML 12Page - Analog Devices AD9267 Datasheet HTML 13Page - Analog Devices AD9267 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9267
Rev. 0 | Page 10 of 24
0
50
100
150
200
250
300
–130
–120
–110
–100
–90
–80
–70
–60
–50
FREQUENCY (MHz)
Figure 10. Noise Transfer Function (NTF)
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR
(dBFS)
SFDR
(dBc)
SNR
(dBFS)
SNR
(dB)
Figure 11. Single-Tone SNR and SFDR vs. Input Amplitude with fIN = 2.4 MHz
91
90
89
88
87
86
85
84
83
–60
–40
–20
0
100
80
60
40
20
TEMPERATURE (°C)
1.9V
1.8V
1.7V
Figure 12. SFDR vs. Temperature
FREQUENCY (MHz)
0
82.0
82.2
82.4
82.6
82.8
83.0
83.2
83.4
83.6
83.8
84.0
1234
56789
Figure 13. Single-Tone SNR vs. Input Frequency
COMMON-MODE VOLTAGE (V)
1.70
82.0
82.2
82.4
82.6
82.8
83.0
83.2
83.4
83.6
83.8
84.0
1.75
1.80
1.85
1.90
Figure 14. SNR vs. Input Common-Mode Voltage
–60
–40
–20
0
100
80
60
40
20
TEMPERATURE (°C)
1.9V
1.8V
1.7V
83.4
83.2
83.0
82.8
82.6
82.4
82.2
82.0
81.8
Figure 15. SNR vs. Temperature


同様の部品番号 - AD9267

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9267 AD-AD9267 Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD9267BCPZ AD-AD9267BCPZ Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD9267EBZ AD-AD9267EBZ Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
More results

同様の説明 - AD9267

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD9261 AD-AD9261 Datasheet
577Kb / 29P
   16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970 AVAGO-ACPL-7970 Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
   Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
   CMOS Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com