データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1612-BL1-EVZ データシート(PDF) 3 Page - Analog Devices

部品番号 ADP1612-BL1-EVZ
部品情報  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1612-BL1-EVZ データシート(HTML) 3 Page - Analog Devices

  ADP1612-BL1-EVZ Datasheet HTML 1Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 2Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 3Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 4Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 5Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 6Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 7Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 8Page - Analog Devices ADP1612-BL1-EVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 3 of 28
SPECIFICATIONS
VIN = 3.6 V, unless otherwise noted. Minimum and maximum values are guaranteed for TJ = −40°C to +125°C. Typical values specified
are at TJ = 25°C. All limits at temperature extremes are guaranteed by correlation and characterization using standard statistical quality
control (SQC), unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
ADP1612
1.8
5.5
V
ADP1613
2.5
5.5
V
Quiescent Current
Nonswitching State
IQ
VFB = 1.5 V, FREQ = VIN
900
1350
μA
VFB = 1.5 V, FREQ = GND
700
1300
μA
Shutdown
IQSHDN
VEN = 0 V
0.01
2
μA
Switching State1
IQSW
FREQ = VIN, no load
4
5.8
mA
FREQ = GND, no load
2.2
4
mA
Enable Pin Bias Current
IEN
VEN = 3.6 V
3.3
7
μA
OUTPUT
Output Voltage
VOUT
VIN
20
V
Load Regulation
ILOAD = 10 mA to 150 mA, VIN = 3.3 V, VOUT = 12 V
0.1
mV/mA
REFERENCE
Feedback Voltage
VFB
1.2041
1.235
1.2659
V
Line Regulation
ADP1612, VIN = 1.8 V to 5.5 V; ADP1613, VIN = 2.5 V to 5.5 V
0.07
0.24
%/V
ERROR AMPLIFIER
Transconductance
GMEA
ΔI = 4 μA
80
μA/V
Voltage Gain
AV
60
dB
FB Pin Bias Current
VFB = 1.3 V
1
50
nA
SWITCH
SW On Resistance
RDSON
ISW = 1.0 A
130
300
SW Leakage Current
VSW = 20 V
0.01
10
μA
Peak Current Limit2
ICL
ADP1612, duty cycle = 70%
0.9
1.4
1.9
A
ADP1613, duty cycle = 70%
1.3
2.0
2.5
A
OSCILLATOR
Oscillator Frequency
fSW
FREQ = GND
500
650
720
kHz
FREQ = VIN
1.1
1.3
1.4
MHz
Maximum Duty Cycle
DMAX
COMP = open, VFB = 1 V, FREQ = VIN
88
90
%
FREQ Pin Current
IFREQ
FREQ = 3.6 V
5
8
μA
EN/FREQ LOGIC THRESHOLD
ADP1612, VIN = 1.8 V to 5.5 V; ADP1613, VIN = 2.5 V to 5.5 V
Input Voltage Low
VIL
0.3
V
Input Voltage High
VIH
1.6
V
SOFT START
SS Charging Current
ISS
VSS = 0 V
3.4
5
6.2
μA
SS Voltage
VSS
VFB = 1.3 V
1.2
V
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage Lockout Threshold
ADP1612, VIN rising
1.70
V
ADP1612, VIN falling
1.62
V
ADP1613, VIN rising
2.25
V
ADP1613, VIN falling
2.16
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
20
°C
1 This parameter specifies the average current while switching internally and with SW (Pin 5) floating.
2 Current limit is a function of duty cycle. See the
section for typical values over operating ranges.
Typical Performance Characteristics


同様の部品番号 - ADP1612-BL1-EVZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

同様の説明 - ADP1612-BL1-EVZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com