データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB10E2L2 データシート(PDF) 5 Page - Glenair, Inc.

部品番号 CB10E2L2
部品情報  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10E2L2 データシート(HTML) 5 Page - Glenair, Inc.

  CB10E2L2 Datasheet HTML 1Page - Glenair, Inc. CB10E2L2 Datasheet HTML 2Page - Glenair, Inc. CB10E2L2 Datasheet HTML 3Page - Glenair, Inc. CB10E2L2 Datasheet HTML 4Page - Glenair, Inc. CB10E2L2 Datasheet HTML 5Page - Glenair, Inc. CB10E2L2 Datasheet HTML 6Page - Glenair, Inc. CB10E2L2 Datasheet HTML 7Page - Glenair, Inc. CB10E2L2 Datasheet HTML 8Page - Glenair, Inc. CB10E2L2 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
33
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
A
B
C
D E
F
G
H
J
K
Terminal
Style
Key
Pos.
VG Part Number
Glenair Part no.
L0
Solder Cup
N
VG96934F10NL0
CB10F1L0
W
VG96934F10WL0
CB10F2L0
X
VG96934F10XL0
CB10F3L0
Y
VG96934F10YL0
CB10F4L0
Z
VG96934F10ZL0
CB10F5L0
L1
Standard PC Tail
N
VG96934F10NL1
CB10F1L1
W
VG96934F10WL1
CB10F2L1
X
VG96934F10XL1
CB10F3L1
Y
VG96934F10YL1
CB10F4L1
Z
VG96934F10ZL1
CB10F5L1
VG96934F10*L*
10 pin plug with panel mounting flange.
Maximum weight 19 grams.
L2
Extended PC Tail
N
VG96934F10NL2
CB10F1L2
W
VG96934F10WL2
CB10F2L2
X
VG96934F10XL2
CB10F3L2
Y
VG96934F10YL2
CB10F4L2
Z
VG96934F10ZL2
CB10F5L2
Detail A Terminal Styles
A
B
C
D E
F
G
H
J
K
32.0 MAX
17.0
25 ± 0.1
Ø 18.0
Ø 18.0
MAX
Ø 12.3
R 3.5
Ø 3.5
± 0.2
11.5
+0
-0.3
+0
-0.3
1.5 ± 0.15
DETAIL
A
L0
SOLDER CUP
#20 AWG
2.5
1.14 MAX.
1.0 MAX.
L1
STANDARD
PC TAIL
3.5
0.45/0.53
L2
EXTENDED
PC TAIL
2.9/3.0
8
0.45/
0.50
VG96934 STYLE F: FLANGE MOUNT PLUG
VG96934J10*L0
10 pin plug with two
piece shielded aluminum
backshell. 9 mm cable
entry. Black zinc plating.
Add heat shrink boot for
water ingress protection.
Key
Pos.
VG Part Number
Glenair Part no.
N
VG96934J10NL0
CB10J1L0
W
VG96934J10WL0
CB10J2L0
X
VG96934J10XL0
CB10J3L0
Y
VG96934J10YL0
CB10J4L0
Z
VG96934J10ZL0
CB10J5L0
Ø 18.0
MAX
Ø 16.0
10.5
MAX
24.5
37.0
MAX
A
B
C
D E
F
G
H
J
K
VG96934 STYLE J: PLUG WITH EMI BACKSHELL


同様の部品番号 - CB10E2L2

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

同様の説明 - CB10E2L2

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com