データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA1021 データシート(PDF) 5 Page - Silan Microelectronics Joint-stock

部品番号 SA1021
部品情報  FM RADIO RECEIVER FOR PORTABLE SYSTEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1021 データシート(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA1021 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SA1021
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 5 of 7
TEST AND APPLICATION CIRCUIT
Fig.8: Stereo application in combination with a low voltage PLL stereo decoder (UTC7040) and a low voltage
Mono/stereo power amplifier (UTC7050).
Fig.9 test set-up; Vi=30mV; fi=76kHz; selective voltmeter at output has Ri
≥1MΩ and Ci≤8pF; fo=fi.
This test set-up is to incorporate the circuit of Fig.5 for mono operation or the circuit of Fig.8 for stereo operation.
For either circuit, replace the 100
µF capacitor at pin 6 with R6(100kΩ) as shown above.
SELECTIVITY
S+300=20
fi
|
Vo
fi)
-
(300KhZ
|
Vo
S-300=20
fi
|
Vo
fi)
(300KhZ
|
Vo
+


同様の部品番号 - SA1021

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SA102 ETC2-SA102 Datasheet
138Kb / 3P
   Universal Programmers
logo
Cyntec Co., Ltd.
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10201521 CYNTEC-SA10201521 Datasheet
1Mb / 7P
   SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
   SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
logo
AVX Corporation
SA102A100JAR AVX-SA102A100JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

同様の説明 - SA1021

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com