データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA1117B データシート(PDF) 6 Page - Silan Microelectronics Joint-stock

部品番号 SA1117B
部品情報  800mA LDO VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1117B データシート(HTML) 6 Page - Silan Microelectronics Joint-stock

  SA1117B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1117B Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SA1117B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.08.12
Http://www.silan.com.cn
Page 6 of 8
TYPICAL CHARACTERISTICS CURVES
Temperature Stability
Adjust Pin Current
100
150
80
40
20
10
30
50
90
60
70
-50
Temperature( C)
0
-25
0
25
50
100 125
75
VOUT=5 V Load Transient Response
VOUT=5 V Line Transient Response
Ripple Rejection VS Current


同様の部品番号 - SA1117B

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
More results

同様の説明 - SA1117B

メーカー部品番号データシート部品情報
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com