データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA1412 データシート(PDF) 1 Page - Silan Microelectronics Joint-stock

部品番号 SA1412
部品情報  TWO CELL LI BATTERY PROTECTION CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1412 データシート(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA1412 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1412 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1412 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1412 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1412 Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SA1412
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.09.28
Http: www.silan.com.cn
Page 1 of 5
TWO CELL LI+ BATTERY PROTECTION CIRCUIT
TSSOP-8-225-0.65
DESCRIPTIONS
SA1412 protects for Lithium-Ion Batteries. When the Lithium-Ion
Batteries is in state of overcharge, overdischarge and overcurrent. The
IC turns off the external mosfet to protect the batteries.
FEATURES
* Overcharge consumption current(VCELL=4.5V ROC=270K ): 150
µA
* Normal consumption current(VCELL=3.5V): 18
µA
* Overcharge consumption current(VCELL=1.9V): 0.5
µA
Overcharge consumption current(VCELL=1.0V): 0.1
µA
APPLICATIONS
* Digital camer
* Digital vidicon
* Special illumination
* Portable DVD
* PDA
* Interphone
* 7.2V large capacity battery.
ORDERING INFORMATION
Device
Package
SA1412
TSSOP-8-225-0.65
PRODUCTS CATALOG
Part No.
Overcharge
Detection
Voltage
Overcharge
Detection
Hysteresis
Voltage
Overdischarge
Detection
Voltage
Overdischarge
Release
Voltage
Overcurrent
Detection
Voltage
SA1412A
4.350±0.025V
220±50mV
2.3±0.1V
3.5±0.2V
150±15mV
SA1412B
4.300±0.025V
220±50mV
2.3±0.1V
3.5±0.2V
150±15mV
SA1412C
4.250±0.025V
220±50mV
2.3±0.1V
3.5±0.2V
150±15mV
SA1412D
4.300±0.025V
200±50mV
2.5±0.1V
3.0±0.1V
75±15mV


同様の部品番号 - SA1412

メーカー部品番号データシート部品情報
logo
Comchip Technology
SA141(C)-G COMCHIP-SA141(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA141A(CA)-G COMCHIP-SA141A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA141A-HF COMCHIP-SA141A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
SA141ACA-HF COMCHIP-SA141ACA-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

同様の説明 - SA1412

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM5470 HMSEMI-HM5470 Datasheet
405Kb / 9P
   High precision two-cell lithium battery protection circuit
logo
Silan Microelectronics ...
SC121 SILAN-SC121 Datasheet
621Kb / 9P
   LI BATTERY PROTECTION CIRCUIT
SC8261G SILAN-SC8261G Datasheet
402Kb / 9P
   LI BATTERY PROTECTION CIRCUIT
SC8821 SILAN-SC8821 Datasheet
690Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
   Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
   Dual-cell Li-ion/Li-polymer battery protection IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
   Single-cell Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com