データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN21SV06 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN21SV06
部品情報  TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06 データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN21SV06 Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
August 2009
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.1
FAN21SV06 — TinyBuck™
6A, 24V Single-Input Integrated Synchronous Buck
Regulator with Synchronization Capability
Features
Single-Supply Operation with 6A Output Current
Over 94% Efficiency
Fully Synchronous Operation with Integrated
Schottky Diode on Low-Side MOSFET Boosts
Efficiency
Single Supply Device for VIN > 6.5V – 24V
Programmable Frequency Operation (200-600KHz)
Externally Synchronizable Clock with Master/Slave
Provisions
Wide Input Range with Dual Supply: 3.0V to 24V
Output Voltage Range: 0.8V to 80%VIN
Power-Good Signal
Accepts Ceramic Capacitors on Output
External Compensation for Flexible Design
Starts Up on Pre-Bias Outputs
Integrated Bootstrap Diode
Programmable Over-Current Protection
Under-Voltage, Over-Voltage, and Thermal-
Shutdown Protections
5x6mm, 25-pin, 3-pad MLP
Applications
Servers & Telecom
Graphics Cards & Displays
High-End Computing Systems
Set-Top Boxes & Game Consoles
Point-of-Load Regulation
Description
The FAN210SV06 TinyBuck
TM is a highly efficient,
small-footprint, programmable-frequency, 6A integrated
synchronous buck regulator.
FAN21SV06 contains both synchronous MOSFETs and
a controller/driver with optimized interconnects in one
package, which enables designers to solve high-current
requirements in a small area with minimal external
components, thereby saving cost. On-board internal 5V
regulator enables single-supply operation for input
voltages >6.5V.
The FAN21SV06 can be configured to drive multiple
slave devices OR synchronize to an external system
clock. In slave mode, FAN21SV06 may be set up to be
free-running in the absence of a master clock signal.
External
compensation,
programmable
switching
frequency, and current-limit features allow for design
optimization and flexibility. High-frequency operation
allows for all ceramic solutions.
Fairchild’s advanced BiCMOS power process combined
with low-RDS(ON) internal MOSFETs and a thermally
efficient MLP package provide the ability to dissipate
high power in a small package. Integration helps to
minimize critical inductances making layout simpler and
more efficient compared to discrete solutions.
Output over-voltage, under-voltage, over-current and
thermal-shutdown protections help protect the device
from damage during fault conditions. FAN21SV06
prevents pre-biased output discharge during startup in
point-of-load applications.
AN-6033 — FAN21SV06 Design Guide
AN-8022 — TinyCalc™ Calculator
Ordering Information
Part Number
Operating
Temperature Range
Eco
Status
Package
Packing
Method
FAN21SV06MPX
-10°C to 85°C
RoHS
Molded Leadless Package (MLP) 5x6mm Tape and Reel
FAN21SV06EMPX
-40°C to 85°C
RoHS
Molded Leadless Package (MLP) 5x6mm Tape and Reel
For Fairchild’s definition of please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


同様の部品番号 - FAN21SV06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV06MPX FAIRCHILD-FAN21SV06MPX_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results

同様の説明 - FAN21SV06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com