データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3111CSX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN3111CSX
部品情報  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111CSX データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN3111CSX Datasheet HTML 1Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 2Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 3Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 4Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 5Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 6Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 7Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 8Page - Fairchild Semiconductor FAN3111CSX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to GND
-0.3
20.0
V
FAN3111C
-0.3
VDD + 0.3
V
VIN
Voltage on IN to GND
FAN3111E
-0.3
VXREF+0.3
V
VXREF
Voltage on XREF to GND
FAN3111E
-0.3
5.5
V
VOUT
Voltage on OUT to GND
-0.3
VDD+0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Human Body Model, JESD22-A114
4
kV
ESD
Charged Device Model, JESD22-C101
750
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
FAN3111C
0
VDD
V
VIN
Input Voltage IN
FAN3111E
0
VXREF
V
VXREF
External Reference Voltage XREF
FAN3111E
2.0
5.0
V
TA
Operating Ambient Temperature
-40
+125
ºC


同様の部品番号 - FAN3111CSX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3111CSX FAIRCHILD-FAN3111CSX Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111CSX ONSEMI-FAN3111CSX Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results

同様の説明 - FAN3111CSX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com