データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6793 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FAN6793
部品情報  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793 データシート(HTML) 2 Page - Fairchild Semiconductor

  FAN6793 Datasheet HTML 1Page - Fairchild Semiconductor FAN6793 Datasheet HTML 2Page - Fairchild Semiconductor FAN6793 Datasheet HTML 3Page - Fairchild Semiconductor FAN6793 Datasheet HTML 4Page - Fairchild Semiconductor FAN6793 Datasheet HTML 5Page - Fairchild Semiconductor FAN6793 Datasheet HTML 6Page - Fairchild Semiconductor FAN6793 Datasheet HTML 7Page - Fairchild Semiconductor FAN6793 Datasheet HTML 8Page - Fairchild Semiconductor FAN6793 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
2
Ordering Information
Part
Number
OPWM
Maximum Duty
Operating
Temperature Range
Eco Status
Package
Packing
Method
FAN6791NY
48%
-40°C to +105°C
Green
16-pin Dual In-Line
Package (DIP)
Tube
FAN6793NY
65%
-40°C to +105°C
Green
16-pin Dual In-Line
Package (DIP))
Tube
FAN6791MY
48%
-40°C to +105°C
Green
16-pin Small Out-Line
Package (SOP)
Tape & Reel
FAN6793MY
65%
-40°C to +105°C
Green
16-pin Small Out-Line
Package (SOP)
Tape & Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Application Diagram
Figure 1. Typical Application


同様の部品番号 - FAN6793

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6793

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com