データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6793NY データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN6793NY
部品情報  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793NY データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN6793NY Datasheet HTML 4Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 5Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 6Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 7Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 8Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 9Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 10Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 11Page - Fairchild Semiconductor FAN6793NY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
8
Electrical Characteristics
VDD=18V; RI=24kΩ;TA =25°C, unless noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ON/OFF
RON/OFF
Impedance ON/OFF Pin
50
100
kΩ
VON
High Threshold Level of
Synchronizing Signal
2.4
3.0
3.6
V
VOFF
Low Threshold Level of
Synchronizing Signal
0.8
1.0
1.2
V
Over Temperature Protection (OTP)
TOff
Protection Junction
Temperature
(1)
130
140
+150
°C
TRestart
Restart Junction Temperature
(2)
100
110
+120
°C
Flyback PWM Stage
FBFYB Feedback Input
AV-FLY
FB Input to Current Comparator
Attenuation
1/3.75
1/3.20
1/2.75
V/V
ZFB
Input Impedance
4
5
7
kΩ
VHGH
Output High Voltage
FB Pin Open
5.0
5.2
V
VFB-OLP
FB Open-Loop Trigger Level
4.2
4.5
4.8
V
tOLP
FB Open-Loop Protection Delay
53
56
59
ms
VN
Green Mode Entry FB Voltage
2.4
2.5
2.6
V
SG
Slope of Green-Mode Modulation
60
75
90
Hz/mV
VG
Green Mode Ending FB Voltage
1.8
1.9
2.0
V
VOZ-OFYB
VFBPWM for Zero Duty Cycle
(Forward Turn On)
1.2
1.3
1.4
V
IFYB Current Sense
ZCS
Input Impedance
12
kΩ
VLIMIT1
Peak Current Limit Threshold
Voltage 1
VRMS=1V
0.75
0.80
0.85
V
VLIMIT2
Peak Current Limit Threshold
Voltage 2
VRMS=1.5V
VLIMIT1 -0.1
V
tPD
Propagation Delay to GATE
Output
VDD=15V, OFYB Drops
to 9V
60
120
ns
tBNK
Leading-Edge Blanking Time
200
270
350
ns
ΔVSLOPE
Slope Compensation
Duty=DCYMAX
0.34
0.37
0.41
V
VS-SCP
Threshold Voltage for SENSE
Short-Circuit Protection
0.1
0.15
0.2
V
tD-SSCP
Delay Time for SENSE Short-
Circuit Protection
VSENSE<0.15V,
RI=24KΩ
100
180
240
µs
OFYB-GATE Driver
VOFYB-CLAMP
Flyback PWM Gate Output
Clamping Voltage
VDD=22V
16
18
V
VOL-OFYB
Output Voltage Low
VDD=15V; IO=20mA
1.5
V
VOH-OFYB
Output Voltage High
VDD=12V; IO=20mA
8
V
tR-OFYB
Rising Time
VDD=15V; Gate=1nF;
Gate=2~9V
30
60
120
ns
tF-OFYB
Falling Time
VDD=15V; Gate=1nF;
Gate=9~2V
30
50
90
ns
DCYMAX-OFYB Maximum Duty Cycle
60
65
70
%


同様の部品番号 - FAN6793NY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6793NY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com