データシートサーチシステム |
|
FAN6862TY データシート(PDF) 6 Page - Fairchild Semiconductor |
|
FAN6862TY データシート(HTML) 6 Page - Fairchild Semiconductor |
6 / 15 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN6862 • Rev. 1.0.1 6 Electrical Characteristics (Continued) VDD = 15V and TA = 25°C unless otherwise noted. Symbol Parameter Test Condition Min. Typ. Max. Unit PWM Output Section DCYMAX Maximum Duty Cycle 70 % VOL Output Voltage Low VDD=15V, IO=50mA 1.5 V VOH Output Voltage High VDD=8V, IO=50mA 6 V tR Rising Time CL=1nF 150 200 ns tF Falling Time CL=1nF 35 ns VCLAMP Gate Output Clamping Voltage VDD=20V 15.0 16.5 18.0 V Over-Temperature Protection (OTP) Section IRT Output Current of RT Pin 100 μA VOTP Threshold Voltage for Over-Temperature Protection TA=25°C 0.95 1.00 1.05 V tDOTP Over-Temperature Debounce Time VFB=VFB-N 17 ms VFB=VFB-G 51 VOTP2 2 nd Threshold Voltage for Over- Temperature Protection TA=25°C 0.60 0.70 0.75 V tDOTP2 2 nd Over-Temperature Debounce Time 100 μs |
同様の部品番号 - FAN6862TY |
|
同様の説明 - FAN6862TY |