データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6793MY データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN6793MY
部品情報  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793MY データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN6793MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 9Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 10Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 11Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 12Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
9
Electrical Characteristics
VDD=18V; RI=24kΩ;TA =25°C, unless noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Forward PWM Stage
FBPWM-Feedback Input
AV
FB to Current Comparator
Attenuation
1/3.2
1/2.7
1/2.2
V/V
ZFB
Input Impedance
4
5
7
kΩ
VHGH
Output High Voltage
FB Pin Open
5.0
5.2
V
VOPEN-PWM
PWM Open-Loop Protection
Voltage
4.2
4.5
4.8
V
tOPEN-PWM-
HICCUP
Interval of PWM Open-Loop
Protection Reset
RI=24kΩ
500
600
700
ms
tOPEN-PWM
PWM Open-Loop Protection
Delay Time
RI=24kΩ
80
95
120
ms
VOZ-OPWM
VFBPWM for Zero Duty Cycle
1.2
1.3
1.4
V
IPWM-Current Sense
tPD
Propagation Delay to Output –
VLIMIT Loop
VDD=15V, OPWM
Drops to 9V
60
120
ns
VLIMIT1
Peak Current Limit Threshold
Voltage 1
VRMS=1V
0.75
0.80
0.85
V
VLIMIT2
Peak Current Limit Threshold
Voltage 2
VRMS=1.5V
VLIMIT1-0.1
V
tBNK
Leading-Edge Blanking Time
270
350
450
ns
ΔVSLOPE
Slope Compensation
ΔVs=ΔVSLOPE x (ton/t)
ΔVs: Compensation Voltage
Added to Current Sense
0.40
0.45
0.55
V
OPWM-GATE Driver
VOPWM-CLAMP
Output Voltage Maximum
(Clamp)
VDD=22V
16
18
V
VOL
Output Voltage Low
VDD=15V; IO=100mA
1.5
V
VOH
Output Voltage High
VDD=13V; IO=100mA
8
V
tR
Rising Time
VDD=15V; CL=5nF;
O/P=2V to 9V
30
60
120
ns
tF
Falling Time
VDD=15V; CL=5nF;
O/P=9V to 2V
30
50
110
ns
FAN6791 Maximum Duty Cycle
47
48
49
DCYMAX-OPWM
FAN6793 Maximum Duty Cycle
RI=24kΩ
60
65
70
%
Soft Start
ISS
Constant Current Output for
Soft-Start
RI=24kΩ
17
20
23
µA
RD
Discharge Resistance
470
564
Ω
Notes:
1.
When activated, the output is disabled and the latch is turned off.
2.
This is the threshold temperature for enabling the output again and resetting the latch after over-temperature
protection has been activated.


同様の部品番号 - FAN6793MY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

同様の説明 - FAN6793MY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com