データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD16729S データシート(PDF) 4 Page - Silan Microelectronics Joint-stock

部品番号 SD16729S
部品情報  16-BIT CONSTANT CURRENT LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD16729S データシート(HTML) 4 Page - Silan Microelectronics Joint-stock

  SD16729S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD16729S Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SD16729
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IOH=-1.0 mA, VDD=3.3 V
3
-
-
V
Output Voltage (SOUT)
VOH
IOH=-1.0 mA, VDD=5.0 V
4.7
-
-
V
IOL=1.0 mA, VDD=3.3 V
-
-
0.3
V
Output Voltage (SOUT)
VOL
IOL=1.0 mA, VDD=5.0 V
-
-
0.3
V
Output Current Regulation
%/VDD
VDD: 3.0V-5.0V
-
1
2
%
Pull-Down Resistance
RIN(down) -
115
250
460
kΩ
Pull-Up Resistance
RIN(up)
-
115
250
460
kΩ
VOUT=15.0V, REXT =470
Ω
11.5
13.14
15
mA
VOUT=15.0V, REXT =1.2k
Ω
4.5
5.2
6
mA
Supply Current OFF
IOFF
VOUT=15.0V, REXT=12k
Ω
0.57
0.72
0.86
mA
VOUT=1V, REXT=470
Ω
18
20
23
mA
VOUT=1V, REXT=1.2k
Ω
6.5
7.95
9.5
mA
ION
VOUT=1V, REXT=12k
Ω
0.83
1.04
1.24
mA
VOUT=1V, Tamb=-40
°C,
REXT=470
Ω
-
-
30
mA
VOUT=1V, Tamb= -40
°C,
REXT=1.2k
Ω
-
-
13
mA
Supply Current ON
ION
VOUT=1V, Tamb= -40
°C,
REXT=12k
Ω
-
-
1.5
mA
tpLH1
CLK-
LATCH
,
= “H”
OUTn
ENABLE =“L”
-
50
70
ns
tpLH2
LATCH - OUTn , ENABLE =“L”
-
50
70
ns
tpLH3
ENABLE - OUTn , LATCH =“H”
-
50
70
ns
Propagation Delay
(“L” To “H”)
tpLH4
CLK-SERIAL OUT
3
10
15
ns
tpHL1
CLK-
, LATCH = “H”
OUTn
ENABLE =“L”
-
20
50
ns
tpHL2
LATCH - OUTn , ENABLE =“L”
-
20
50
ns
tpHL3
ENABLE - OUTn , LATCH =“H”
-
20
50
ns
Propagation Delay
(“H” To “L”)
tpHL4
CLK-SERIAL OUT
4
10
15
ns
Max. CLOCK Rise Time
tr
-
-
-
500
ns
Max. CLOCK Fall Time
tf
-
-
-
500
ns
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.03.10
Http://www.silan.com.cn
Page 4 of 14


同様の部品番号 - SD16729S

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
SD16730S SILAN-SD16730S Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Tyco Electronics
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
More results

同様の説明 - SD16729S

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com