データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD42351NG データシート(PDF) 1 Page - Silan Microelectronics Joint-stock

部品番号 SD42351NG
部品情報  350MA WHITE SINGLE LED DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD42351NG データシート(HTML) 1 Page - Silan Microelectronics Joint-stock

  SD42351NG Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD42351NG Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD42351NG Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD42351NG Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD42351
350MA WHITE SINGLE LED DRIVER
DESCRIPTION
The SD42351 is a low dropout current regulator rated for constant LED
sink current. The low quiescent current and low dropout voltage is
achieved by advanced Bi-CMOS process.
FEATURES
* No external component required.
* Fixed 110mA, 150 mA, 170 mA, 215 mA, 245mA, 270mA, 305mA,
335mA sink current.
* Output short / open circuit protection.
SOT-89-3
* Low dropout voltage.
* Low quiescent current
* Build-in thermal protection
* Supply voltage range 3V ~ 6V
APPLICATIONS
* 1W Power LED driver
* 2KV HBM ESD protection
* Advanced Bi-CMOS process.
ORDERING INFORMATION
Package
Type
Seal
Current Value (Typical) (mA)
SD42351NA
351A
335
SD42351NB
351B
305
SD42351NC
351C
270
SD42351ND
351D
245
SD42351NE
351E
215
SD42351NG
351G
170
SOT-89-3
SD42351NH
351H
150
SD42351NL
351L
110
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.5
2008.03.13
Http: //www.silan.com.cn
Page 1 of 5


同様の部品番号 - SD42351NG

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Semicoa Semiconductor
SD4261 SEMICOA-SD4261 Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
SD4261F SEMICOA-SD4261F Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
More results

同様の説明 - SD42351NG

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
logo
Monolithic Power System...
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
   4 strings 350mA White LED Driver Evaluation Board
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
   350mA, LED Lighting Driver
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
   350mA, LED Lighting Driver
logo
First Silicon Co., Ltd
FC1350 FS-FC1350 Datasheet
136Kb / 3P
   350mA LED Lighting Driver
logo
Monolithic Power System...
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
   350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
   AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com