データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C650AIQ48 データシート(PDF) 6 Page - Exar Corporation

部品番号 ST16C650AIQ48
部品情報  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650AIQ48 データシート(HTML) 6 Page - Exar Corporation

Back Button ST16C650AIQ48 Datasheet HTML 2Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 3Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 4Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 5Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 6Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 7Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 8Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 9Page - Exar Corporation ST16C650AIQ48 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ST16C650A
6
2.90V TO 5.5V UART WITH 32-BYTE FIFO
REV. 5.0.2
Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
DDIS#
26
22
O
Drive Disable Output
This pin goes to a logic 0 whenever the host CPU is reading data from the 650A. It
can control the direction of a data bus transceiver between the CPU and 650A or
other logic functions.
RESET
39
35
I
Reset Input (active high)
A 40 ns minimum active pulse on this pin will reset the internal registers and all
outputs. The UART transmitter output will be held at logic 1, the receiver input will
be ignored and outputs are reset. See UART Reset Conditions in
Table 13.
OP1#
38
34
O
Output Port 1
General purpose output.
OP2#
35
31
O
Output Port 2
General purpose output.
VCC
44
42
Pwr
2.90V to 5.5V supply voltage
All inputs are 5V tolerant except for XTAL for devices with date code top mark of
"HC YYWW" and newer. Devices with date code top mark of "GC YYWW" and
older do not have 5V tolerant inputs.
GND
22
18
Pwr
Power supply common ground
NC
-
1, 13,
25
-
No Connect
NAME
44-
PLCC
PIN #
48-
TQFP
PIN #
TYPE
DESCRIPTION


同様の部品番号 - ST16C650AIQ48

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650AIQ48 EXAR-ST16C650AIQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

同様の説明 - ST16C650AIQ48

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com