データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA2830C データシート(PDF) 4 Page - Motorola, Inc

部品番号 CA2830C
部品情報  34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2830C データシート(HTML) 4 Page - Motorola, Inc

  CA2830C Datasheet HTML 1Page - Motorola, Inc CA2830C Datasheet HTML 2Page - Motorola, Inc CA2830C Datasheet HTML 3Page - Motorola, Inc CA2830C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CA2830C
4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 714F–03
ISSUE C
CA2830C
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. GROUND
5. +VCC
7. GROUND
8. GROUND
9. RF OUTPUT
–A–
–F–
–Z–
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
–––
1.775
–––
45.08
INCHES
B
–––
1.085
–––
27.56
C
–––
0.870
–––
22.10
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
0.330
0.370
8.38
9.40
L
1.000 BSC
25.40 BSC
N
0.165 BSC
4.19 BSC
P
0.100 BSC
2.54 BSC
Q
0.148
0.168
3.76
4.27
R
–––
0.595
–––
15.11
S
1.500 BSC
38.10 BSC
U
0.200 BSC
5.08 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
S
R
V
Q 2 PL
D 7 PL
A
0.25 (0.010) S TF MM
B
–T–
N
C
X
0.51 (0.020) M TA M
–E–
L
G
123
5
7 89
6 32UNC–2B
A
0.25 (0.010) M ZT
M
2 PL
K
P
W
–X–
U
V
0.209
0.239
5.31
6.07
W
0.425
–––
10.80
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
CA2830C/D


同様の部品番号 - CA2830C

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CA2830C NXP-CA2830C Datasheet
264Kb / 4P
   The RF Line Wideband Linear Amplifier
More results

同様の説明 - CA2830C

メーカー部品番号データシート部品情報
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
   18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2832C MOTOROLA-CA2832C Datasheet
99Kb / 4P
   35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
   5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
   Wideband Linear Amplifiers
logo
NXP Semiconductors
BGY588C PHILIPS-BGY588C Datasheet
44Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
Rev. 01-11 April 2005
logo
Quanzhou Jinmei Electro...
BGY588N_2015 JMNIC-BGY588N_2015 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588C_2015 JMNIC-BGY588C_2015 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com