データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST9435A データシート(PDF) 1 Page - Stanson Technology

部品番号 ST9435A
部品情報  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST9435A データシート(HTML) 1 Page - Stanson Technology

  ST9435A Datasheet HTML 1Page - Stanson Technology ST9435A Datasheet HTML 2Page - Stanson Technology ST9435A Datasheet HTML 3Page - Stanson Technology ST9435A Datasheet HTML 4Page - Stanson Technology ST9435A Datasheet HTML 5Page - Stanson Technology ST9435A Datasheet HTML 6Page - Stanson Technology ST9435A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST9435A
P Channel Enhancement Mode MOSFET
-
5.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
ST9435A 2007. V1
DESCRIPTION
ST9435A is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as battery pack, notebook
computer power management, and other battery powered circuits.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
ORDERING INFORMATION
Part Number
Package
Part Marking
ST9435AS8RG
SOP-8P
ST9435A
ST9435AS8TG
SOP-8P
ST9435A
Process Code : A ~ Z ; a ~ z
ST9435AS8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free
ST9435AS8TG
S8 : SOP-8 ; T : Tube ; G : Pb – Free
FEATURE
-30V/-5.6A, RDS(ON) = 57mΩ (Typ.)
@VGS = -10V
-30V/-5.0A, RDS(ON) = 72mΩ
@VGS = -6.0V
-30V/-4.4A, RDS(ON) = 95mΩ
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum DC
current capability
SOP-8 package design


同様の部品番号 - ST9435A

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
ST9435A DOINGTER-ST9435A Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
ST9435A VBSEMI-ST9435A Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - ST9435A

メーカー部品番号データシート部品情報
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com