データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST9435A データシート(PDF) 2 Page - Stanson Technology

部品番号 ST9435A
部品情報  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST9435A データシート(HTML) 2 Page - Stanson Technology

  ST9435A Datasheet HTML 1Page - Stanson Technology ST9435A Datasheet HTML 2Page - Stanson Technology ST9435A Datasheet HTML 3Page - Stanson Technology ST9435A Datasheet HTML 4Page - Stanson Technology ST9435A Datasheet HTML 5Page - Stanson Technology ST9435A Datasheet HTML 6Page - Stanson Technology ST9435A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST9435A
P Channel Enhancement Mode MOSFET
-
5.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
ST9435A 2007. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
-6.5
-4.6
A
Pulsed Drain Current
IDM
-30
A
Continuous Source Current (Diode Conduction)
IS
-2.3
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.5
1.6
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
70
/W


同様の部品番号 - ST9435A

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
ST9435A DOINGTER-ST9435A Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
ST9435A VBSEMI-ST9435A Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - ST9435A

メーカー部品番号データシート部品情報
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com