データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS4141_F085 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS4141_F085
部品情報  P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4141_F085 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS4141_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDS4141_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDS4141_F085 Rev. A
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TA, CASE TEMPERATURE (oC)
Figure 2. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
3
6
9
V
GS
=
-10V
V
GS
=
-4.5V
RθJA = 81
oC/W
TA, CASE TEMPERATURE (oC)
Figure 3.
10
-3
10
-2
10
-1
110
10
2
10
3
0.001
0.01
0.1
1
RθJA = 81
oC/W
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION (s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-3
10
-2
10
-1
110
10
2
10
3
1
10
100
1000
RθJA = 81
oC/W
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
V
GS = -10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TA = 25
oC
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


同様の部品番号 - FDS4141_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
More results

同様の説明 - FDS4141_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
FDD4243 FAIRCHILD-FDD4243_07 Datasheet
388Kb / 6P
   40V P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
logo
Fairchild Semiconductor
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com