データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB113A データシート(PDF) 1 Page - Summit Microelectronics, Inc.

部品番号 SMB113A
部品情報  High-power, Four-channel Programmable DC-DC System Power Managers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB113A データシート(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB113A Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB113A Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
© SUMMIT Microelectronics, Inc. 2007
757 N. Mary Avenue • Sunnyvale CA 94085
Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2111 2.4 6/24/2008
1
INTRODUCTION
Figure 1 – Applications schematic featuring the SMB113A/B/117/A programmable DC-DC controllers.
Note: This is an applications example only. Some pins, components and values are not shown.
• Digital programming of all major parameters via
I
2C interface and non-volatile memory
Output voltage set point
Input/battery voltage monitoring
Output power-up/down sequencing
Digital soft-start and output slew rate
Dynamic voltage control of all outputs
UV/OV monitoring of all outputs
Enable/Disable outputs independently
• User friendly Graphical User Interface (GUI)
• Four synchronous step-down output channels
• Integrated RESET monitor
• +2.7V to +6.0V Input Range
• Highly accurate output voltage: <1.5%
• Factory programmable dead times
• 0% to 100% Duty Cycle operation
• Undervoltage Lockout (UVLO) with hysteresis
• 250kHz (SMB117A), 400kHz (SMB117), 800kHz
(SMB113A), 1MHz (SMB113B) operating frequency
• 96 bytes of user configurable nonvolatile memory
Applications
• Car & Marine Navigation Systems
• Set-top Boxes
• TVs
• DDR Memory
• Mobile Computing/PDAs
• Office Equipment
DMB Systems
The SMB113A/B and SMB117/A are highly integrated and
flexible four-channel power managers designed for use in a
wide range of applications. The built-in digital programmability
allows system designers to custom tailor the device to suit
almost any multi-channel power supply application from digital
camcorders to set-top boxes. Complete with a user friendly
GUI, all programmable settings, including output voltages and
input/output voltage monitoring, can be customized with ease.
The SMB113A/B and SMB117/A integrate all the essential
blocks required to implement a complete four-channel power
subsystem consisting of four synchronous step-down “buck”
controllers. Additionally sophisticated power control/monitoring
functions required by complex systems are built-in. These
include digitally programmable output voltage set point, power-
up/down
sequencing,
enable/disable,
dynamic
voltage
management and UV/OV monitoring on all channels.
The integration of features and built-in flexibility of the
SMB113A/B and SMB117/A allows the system designer to
create a “platform solution” that can be easily modified via
software without major hardware changes. Combined with the
re-programmability of the SMB113A/B and SMB117/A, this
facilitates rapid design cycles and proliferation from a base
design to future product generations.
The SMB113A/B and SMB117/A are suited to a wide variety of
applications with an input range of +2.7V to +6.0V. Higher
input voltage operation can easily be implemented with a small
number of external components.
Output voltages are
extremely accurate (<1.5%). Communication is accomplished
via the industry standard I
2C bus. All user-programmed
settings are stored in non-volatile EEPROM of which 96 bytes
may be used as general-purpose memory. The devices are
offered in both the commercial and the industrial operating
temperature range. The package type is a lead-free, RoHS
compliant, 5x5 QFN-32.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A/B
+0.5V to Vin (Prog.) @ 1.5A/5A
+0.5V to Vin (Prog.) @ 1.5A/5A
+2.7V to +6.0V
or
Li-Ion
CPU Core
Analog/RF
I2C/SMBus
4 Step-
Down
(Buck)
Channels
System
Control
and
Monitoring
RESET Output
(Power Good)
Enable Input
+0.5V to Vin (Prog.) @ 1.5A/5A
Memory, I/O
+0.5V to Vin (Prog.) @ 1.5A/5A
DSP/Codec
RESET
Monitor
Reset Input
SMB117/A
+0.5V to Vin (Prog.) @ 5A/10A
+0.5V to Vin (Prog.) @ 5A/10A
+2.7V to +6.0V
or
Li-Ion
CPU Core
Analog/RF
I2C/SMBus
4 Step-
Down
(Buck)
Channels
System
Control
and
Monitoring
RESET Output
(Power Good)
Enable Input
+0.5V to Vin (Prog.) @ 5A/10A
Memory, I/O
+0.5V to Vin (Prog.) @ 5A/10A
DSP/Codec
RESET
Monitor
Reset Input


同様の部品番号 - SMB113A

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
More results

同様の説明 - SMB113A

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com