データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN210AC データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FIN210AC
部品情報  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210AC データシート(HTML) 2 Page - Fairchild Semiconductor

  FIN210AC Datasheet HTML 1Page - Fairchild Semiconductor FIN210AC Datasheet HTML 2Page - Fairchild Semiconductor FIN210AC Datasheet HTML 3Page - Fairchild Semiconductor FIN210AC Datasheet HTML 4Page - Fairchild Semiconductor FIN210AC Datasheet HTML 5Page - Fairchild Semiconductor FIN210AC Datasheet HTML 6Page - Fairchild Semiconductor FIN210AC Datasheet HTML 7Page - Fairchild Semiconductor FIN210AC Datasheet HTML 8Page - Fairchild Semiconductor FIN210AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
2
FIN210AC (Serializer DIRI=1) Pin Descriptions
Pin Name
Description
0 Deserializer
DIRI
Control to determine serializer or deserializer configuration.
1 Serializer
0 Low drive (low power)
CTL_ADJ
Adjusts CTL drive to compensate for environmental conditions
and length.
1 High drive (high power)
S0
Configure frequency range for the PLL.
See Table 1 Serializer (DIRI=1) Control Pin.
S1
Configure frequency range for the PLL.
See Table 1 Serializer (DIRI=1) Control Pin.
PLL0
Divide or adjust the serial frequency.
See Table 1 Serializer (DIRI=1) Control Pin.
PLL1
Divide or adjust the serial frequency.
See Table 1 Serializer (DIRI=1) Control Pin.
CKREF
LV-CMOS clock input and PLL reference.
STROBE
LV-CMOS strobe input for latching data (DP [1:12]) into the serializer on the rising edge.
DP[1:10]
LV-CMOS parallel data input. (GND input if not used)
CKSO+
CKSO-
CTL Differential serializer output bit clock.
CKSO+: Positive signal; CKSO-: Negative signal.
DSO+
DSO-
CTL Differential serial output data signals.
DSO+: Positive signal; DSO-: Negative signal.
CKSI+
CKSI-
CTL Differential deserializer input bit clock.
CKSI+: Positive signal; CKSI-: Negative signal.
No connect unless in “clock pass-through” mode.
CKP
LV-CMOS word clock output or Pixel clock output.
No connect unless in “clock pass-through” mode.
/DIRO
LV-CMOS output, Inversion of DIRI in normal operation. Can be used to drive the DIRI
signal of the deserializer where the interface needs to be turned around.
No connect if not used.
VDDP
Power supply for parallel I/O. (All VDDP pins must be connected to VDDP)
VDDS
Power supply for serial I/O.
VDDA
Power supply for core.
GND
All GND pins must be connected to ground. BGA: all GND pads. MLP: Pin 29 & GND PAD must be grounded.
N/C
No connect. (Do not connect to GND or VDD)
Note:
1.
0=GND; 1=VDDP
FIN210AC (Serializer DIRI=1) Pin Configurations
GND
DP[2]
CKREF
DP[5]
DP[1]
STROBE
DP[3]
VDDP
GND
PLL1
1
A
3456
2
B
C
D
E
F
G
DP[4]
CTL_ADJ
DP[6]
/DIRO
CKP
CKSO+
CKSO-
DP[7]
DSO-
DSO+
DP[8]
DP[9]
VDDS
CKSI+
CKSI-
DP[10]
VDDA
DIRI
PLL0
S1
S0
GND
GND
GND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
SERIALIZER
GND PAD
DP[4]
CKSO+
CKSO-
DSO+
DSO-
CKSI-
CKSI+
DIRI
VDDS
1
DP[5] 2
4
DP[6]
VDDP
3
CKP 5
DP[7] 6
DP[8] 7
DP[9] 8
20
21
19
23
18
17
22
24
42-Ball BGA, 3.5 x 4.5mm, .5mm pitch (Top View)
32-pin MLP, 5 x 5mm, .5mm pitch (Top View)
(Center pad must be grounded)
Figure 2. FIN210AC (Serializer DIRI=1) Pin Assignments (Top View)


同様の部品番号 - FIN210AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

同様の説明 - FIN210AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com