データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50550US データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FSB50550US
部品情報  Smart Power Module (SPM짰)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50550US データシート(HTML) 4 Page - Fairchild Semiconductor

  FSB50550US Datasheet HTML 1Page - Fairchild Semiconductor FSB50550US Datasheet HTML 2Page - Fairchild Semiconductor FSB50550US Datasheet HTML 3Page - Fairchild Semiconductor FSB50550US Datasheet HTML 4Page - Fairchild Semiconductor FSB50550US Datasheet HTML 5Page - Fairchild Semiconductor FSB50550US Datasheet HTML 6Page - Fairchild Semiconductor FSB50550US Datasheet HTML 7Page - Fairchild Semiconductor FSB50550US Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FSB50550US Rev. A
Recommended Operating Conditions
Note:
(1) It is recommended the bootstrap diode D1 to have soft and fast recovery characteristics with 600-V rating
(2) Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
(3) RC coupling(R5 and C5) at each input (indicated as dotted lines) may be used to prevent improper input signal due to surge noise. Signal input of SPM
®is compatible with
standard CMOS or LSTTL outptus.
(4) Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequency characteristics to absorb high-frequency ripple current.
Figure 2. Recommended CPU Interface and Bootstrap Circuit with Parameters
Note:
Attach the thermocouple on top of the heatsink-side of SPM® (between SPM® and heatsink if applied) to get the correct temperature measurement.
Figure 3. Case Temperature Measurement
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P and N
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC and COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB and output(U, V, W)
13.5
15
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied between IN and COM
3.0
-
VCC
V
VIN(OFF)
Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-short
VCC=VBS=13.5 ~ 16.5V, TJ ≤ 150°C
1.0
-
-
μs
fPWM
PWM Switching Frequency
TJ ≤ 150°C
-
15
-
kHz
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
R
1
D
1
C
1
R
2
Micom
15-V Line
10
μF
One-Leg Diagram of SPM
These values depend on PWM
control algorithm
* Example of bootstrap paramters:
C
1 = C2 = 1μF ceramic capacitor,
R
1 = 56Ω, R2 = 20Ω
R
5
C
5
HIN
LIN
V
DC
0
0
0
1
1
0
1
1
Open
Open
Output
Z
0
V
DC
Forbidden
Z
Note
Both FRFET Off
Low-side FRFET On
High-side FRFET On
Shoot-through
Same as (0, 0)
C
2
Case Tem perature(Tc)
Detecting Point
14.50mm
3.80mm
MOSFET
Case Tem perature(Tc)
Detecting Point
14.50mm
3.80mm
MOSFET


同様の部品番号 - FSB50550US

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50550UTD FAIRCHILD-FSB50550UTD Datasheet
898Kb / 9P
   Smart Power Module (SPM짰)
More results

同様の説明 - FSB50550US

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com