データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA81 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 SMA81
部品情報  Cascadable Amplifier 20 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA81 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMA81 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA81 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A81 / SMA81
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


同様の部品番号 - SMA81

メーカー部品番号データシート部品情報
logo
Tyco Electronics
SMA81 MACOM-SMA81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
SMA81 MACOM-SMA81 Datasheet
381Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
SMA81 MA-COM-SMA81 Datasheet
644Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
SMA81-1 MACOM-SMA81-1 Datasheet
104Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
SMA81-1 MACOM-SMA81-1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

同様の説明 - SMA81

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com