データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1037 データシート(PDF) 1 Page - Transcom, Inc.

部品番号 TC1037
部品情報  3.1 - 3.5 GHz 16W HPA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1037 データシート(HTML) 1 Page - Transcom, Inc.

  TC1037 Datasheet HTML 1Page - Transcom, Inc. TC1037 Datasheet HTML 2Page - Transcom, Inc. TC1037 Datasheet HTML 3Page - Transcom, Inc. TC1037 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1037
PRE.1_20060621
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
Preliminary
3.1 - 3.5 GHz 16W HPA MMIC
FEATURES
• Pout: 41.5 dBm
• Small Signal Gain: 22 dB
• Bias Condition: 4500 mA @ 7 V
DESCRIPTION
The TC1037 is a two stages PHEMT high power amplifier MMIC that operates from 3.1 to 3.5 GHz. The
amplifier provides a typical 22 dB of gain and delivers 41.5 dBm of Pout. The MMIC is fabricated using
Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for
increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond
pads are gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is
compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
3.1
3.5
GHz
SSG
Small Signal Gain
22
dB
Pout
Output Power
41.5
dBm
VSWR, In
Input VSWR
2:1
------
VSWR, Out
Output VSWR
2:1
------
VDD
Supply Voltage
7
Volt
Vg
Gate Voltage
-0.5
-1.0
-1.5
Volt
IDD
Current Supply Without RF
4500
mA
IDRF
Current Supply @ Pout = 41.5dBm
5500
mA
ηa
Power Added Efficiency
28
PHOTO ENLARGEMENT


同様の部品番号 - TC1037

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1037 MICROCHIP-TC1037 Datasheet
481Kb / 18P
   Linear Building Block . Single Comparator in SOT Packages
2002
TC1037CECT MICROCHIP-TC1037CECT Datasheet
481Kb / 18P
   Linear Building Block . Single Comparator in SOT Packages
2002
More results

同様の説明 - TC1037

メーカー部品番号データシート部品情報
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
   3.1 - 3.5 GHz 1W Amplifier
logo
WOLFSPEED, INC.
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
   3.1 - 3.5 GHz LNA Module
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
MAFR-000514-000001 MA-COM-MAFR-000514-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_09 Datasheet
611Kb / 8P
   3.5-8.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com