データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2491 データシート(PDF) 2 Page - Transcom, Inc.

部品番号 TC2491
部品情報  0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2491 データシート(HTML) 2 Page - Transcom, Inc.

  TC2491 Datasheet HTML 1Page - Transcom, Inc. TC2491 Datasheet HTML 2Page - Transcom, Inc. TC2491 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC2491
REV4_20070507
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
IDS
Drain Current
IDSS
Pin
RF Input Power, CW
26 dBm
PT
Continuous Dissipation
1.9 W
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
RECOMMANDED OPERATING CONDITION
Symbol
Parameter
Rating
VDS
Drain to Source Voltage
8 V
ID
Drain Current
120 mA
HANDLING PRECAUTIONS:
The user must operate in a clean, dry environment.
Electrostatic Discharge (ESD) precautions should be
observed at all stages of storage, handling, assembly, and
testing. The static discharge must be less than 300V
.
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 8 V, IDS = 120 mA
10.0
5.0
3.0
4.0
-0
.2
-0
.4
Swp Max
9GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
10
2
Per Div
S21
10.0
5.0
3.0
4.0
-0
.2
-0
.
4
Swp Max
9GHz
Swp Min
2GHz
S22
0
15
30
45
60
75
90
10
5
12
0
13
5
150
165
-180
-165
-150
-135
-
12
0
-
10
5
-
90
-
75
-
60
-
45
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
0.1
0.025
Per Div
S12


同様の部品番号 - TC2491

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11SRWA KINGBRIGHT-TC24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

同様の説明 - TC2491

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
   1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC2696 ETC-TC2696 Datasheet
39Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2896 TRANSCOM-TC2896 Datasheet
103Kb / 4P
   5 W Flange Ceramic Packaged GaAs Power FETs
TC2997D TRANSCOM-TC2997D Datasheet
101Kb / 3P
   2.45 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2996B TRANSCOM-TC2996B Datasheet
77Kb / 3P
   1.9 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2997A TRANSCOM-TC2997A Datasheet
50Kb / 2P
   1.6 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997B TRANSCOM-TC2997B Datasheet
76Kb / 3P
   1.9 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com