データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFSW300600-20 データシート(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

部品番号 LFSW300600-20
部品情報  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNERGY [SYNERGY MICROWAVE CORPORATION]
ホームページ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW300600-20 データシート(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  LFSW300600-20 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW300600-20 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW300600-20
3000 - 6000 MHz
wide bandwidth
FEATURES:
exceptionally Low Phase noise
interactive Communication
Standard Programming interface
Ultra wide tuning Range
Lead Free - RohS Compliant
Patent Pending ReL-PRO® technology
Small Size, Surface Mount
buffered Output
Phase noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
100
1000
10000
100000
1000000
10000000
100000000
Offset Frequency (Hz)
3000 MHz
4500 MHz
6000 MHz
SPECIFICATIONS (Rev. A 05/01/08)
Frequency
3000 - 6000 MHz
Step Size
200 kHz
Reference input Frequency
100 MHz *
Reference input Voltage
1 V p-p to 3.3 V p-p
bias Voltage
Vcc
V (Vdc)
I (mA Max.)
Digital
+5
35
VCO
+5
45
Converter
+5
65
Output Power
+5 dBm (Min.)
Spurious Suppression
60 dB (Typ.)
harmonic Suppression
15 dB (Typ.)
Settling time
15 mSec (Typ.) **
Output impedance
50 Ohms (Nom.)
typical Phase noise
Offset
Phase Noise
@ 1 kHz
-75 dbc/Hz
@ 10 kHz
-73 dbc/Hz
@ 100 kHz
-98 dbc/Hz
Operating temperature Range
-20 to +70 °C
Programming
See Application Note: AN7100
* Reference input frequency is programmable in multiples of the step size,
from 10 MHz to 150 MHz. 100 MHz is the default setting.
** From the rising edge of LE to stable lock detect
Absolute Maximum Ratings
Storage temp. Range
-55 to +125 ºC
bias Voltage (digital)
+5.25 V
bias Voltage (VCO)
+5.5 V
bias Voltage (Converter)
+8 V
dC Voltage applied to RF Out
±25 V
Package #
197LF
Pin-Out
Pin 5 - RF out
Pin 7 - Lock Detect Out *
Pin 9 - Data In
Pin 10 - Error Flag
Pin 11 - Clock In
Pin 13 - VCO (On/Off)****
Pin 16 - Reset **
Pin 19 - Latch Enable In
Pin 21 - Ref. In
Pin 23 - Vcc (Digital)
Pin 24 - Vtune (Output)
Pin 25 - Vcc (VCO)
Pin 26 - Vout (Converter) ***
Pin 27 - Vcc (Tune) ***
Pin 28 - Vcc (Converter)
Pin 8,12,14,15,17 - NC
All Others - Ground
NC - No Connection
* High when locked (source/sink 500 uA)
** A low on this input will reset the internal controller. Leave unconnected for
normal operation.
*** Connect externally. Bypassed with a 10uF 35V tantalum capacitor.
**** NC if unused.


同様の部品番号 - LFSW300600-20

メーカー部品番号データシート部品情報
logo
SYNERGY MICROWAVE CORPO...
LFSW300600-100 SYNERGY-LFSW300600-100 Datasheet
658Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

同様の説明 - LFSW300600-20

メーカー部品番号データシート部品情報
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com