データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC40-48S15 データシート(PDF) 2 Page - Volgen Kaga Electronics Inc.

部品番号 FDC40-48S15
部品情報  SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VOLGEN [Volgen Kaga Electronics Inc.]
ホームページ  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FDC40-48S15 データシート(HTML) 2 Page - Volgen Kaga Electronics Inc.

  FDC40-48S15 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FDC40-48S15 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
Series
Series
Pin Connections
Pin#
Single Output
Dual Output
Triple Output
3.3VDC/5.0VDC
1
2
3
4
5
6
7
8
9
10
Remote On/Off
+Input
-Input
Sync
+Output Sense/Trim(Down)
Output Trim
-Output Sense/Trim (Up)
+Output*
-Output*
No Pin
Remote On/Off
+Input
-Input
Sync
+Output
Commom
-Output
Output Trim
NC
NC
Remote On/Off
+Input
-Input
Sync
+Output (Aux)
Commom(Aux)
-Output (Aux)
+Output (Primary)
-Output (Primary)
Output Trim (Primary)
Remote On/Off
+Input
-Input
Sync
+3.3VDC
Commom
+ 5.0VDC
Trim
NC
NC
NOTES: 1.ALL DIMENSIONS IN INCHES (mm)
PIN PITCH TOLERANCE ±0.5 mm
MODEL
NUMBER
FDC40-12S33
FDC40-12S05
FDC40-12S12
FDC40-12S15
FDC40-12D05
FDC40-12D12
FDC40-12D15
FDC40-12D3305
FDC40-24S33
FDC40-24S05
FDC40-24S12
FDC40-24S15
FDC40-24D05
FDC40-24D12
FDC40-24D15
FDC40-24D3305
FDC40-48S33
FDC40-48S05
FDC40-48S12
FDC40-48S15
FDC40-48D05
FDC40-48D12
FDC40-48D15
FDC40-48D3305
INPUT RANGE
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
OUTPUT VOLTAGE
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
3.3VDC/5VDC
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
3.3VDC/5VDC
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
3.3VDC/5VDC
OUTPUT CURRENT
10A
8A
3.4A
2.7A
7A/-1A
±1.8A
±1.4A
4A/4A
10A
8A
3.4A
2.7A
7A/-1A
±1.8A
±1.4A
4A/4A
10A
8A
3.4A
2.7A
7A/-1A
±1.8A
±1.4A
4A/4A
% typ.
EFF
78
82
84
84
81
83
83
78
81
83
88
88
82
84
84
78
81
83
88
88
82
84
84
78
Connections for single output models without sensing or external trimming:
For proper operation, externally connect Pin5(+Output Sense) to Pin8(+output)
and Pin7(-output Sense) to Pin9(-Output).
*NC: NO Connection.
Triple Output Available


同様の部品番号 - FDC40-48S15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC40-48S15 ETC1-FDC40-48S15 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC40-48S15 ASTRODYNE-FDC40-48S15 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40-48S15 ASTRODYNE-FDC40-48S15 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

同様の説明 - FDC40-48S15

メーカー部品番号データシート部品情報
logo
Volgen Kaga Electronics...
FEC15-12S33 VOLGEN-FEC15-12S33 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
FDC20-24S05W VOLGEN-FDC20-24S05W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
ETA-USA
OCH40D ETA-USA-OCH40D Datasheet
526Kb / 6P
   DC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 40 WATTS
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
TDK Electronics
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com