データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BC048A160M024TP データシート(Datasheet) 9 Page - Vicor Corporation

部品番号. BC048A160M024TP
部品情報  BCM™ Bus Converter
ダウンロード  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo 

 
 9 page
background image
Bus Converter Module
BC048A160T024FP
vicorpower.com
Rev. 1.1
Page 9 of 11
BEHAVIORAL MODELS
LIN = 5 nH
+
+
VOUT
COUT
VIN
VI
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
4.0 µF
1.3 mΩ
102 mA
1/3 • Iout
1/3 • Vin
6.9 mΩ
29.7 mΩ
0.21 mΩ
25.4 µF
Lout = 1.61 nH
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
VI BRICK Bus Converter Level 1 DC Behavioral Model for 48 V to 16 V, 240 W
VI BRICK Bus Converter Level 2 Transient Behavioral Model for 48 V to 16 V, 240 W
Figure 16 — This model characterizes the DC operation of the VI BRICK bus converter, including the converter transfer function and its losses. The model
enables estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat gen-
eration.
Figure 17 — This model characterizes the AC operation of the VI BRICK bus converter including response to output load or input voltage transients or
steady state modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a
stepped load with or without external filtering elements.
©
©
102 mA
1/3 • Iout
1/3 • Vin
29.7 mΩ
1.8 nH
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT




Html ページ

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl