データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC352A110T030FP データシート(PDF) 1 Page - Vicor Corporation

部品番号 BC352A110T030FP
部品情報  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352A110T030FP データシート(HTML) 1 Page - Vicor Corporation

  BC352A110T030FP Datasheet HTML 1Page - Vicor Corporation BC352A110T030FP Datasheet HTML 2Page - Vicor Corporation BC352A110T030FP Datasheet HTML 3Page - Vicor Corporation BC352A110T030FP Datasheet HTML 4Page - Vicor Corporation BC352A110T030FP Datasheet HTML 5Page - Vicor Corporation BC352A110T030FP Datasheet HTML 6Page - Vicor Corporation BC352A110T030FP Datasheet HTML 7Page - Vicor Corporation BC352A110T030FP Datasheet HTML 8Page - Vicor Corporation BC352A110T030FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Bus Converter Module
BC352A110T030FP
vicorpower.com
Rev. 1.0
Page 1 of 11
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
–40 to +100 –40 to +125
Baseplate
F = Slotted flange
T = Transverse heat sink[a]
[a] contact factory
BCM
TM Bus Converter
Product Overview
VI BRICK BCM modules use advanced Sine Amplitude ConverterTM (SACTM) technology,
thermally enhanced packaging technologies, and advanced CIM processes to provide high
power density and efficiency, superior transient response, and improved thermal
management. These modules can be used to provide an isolated intermediate bus to power
non-isolated POL converters and due to the fast response time and low noise of the BCM,
capacitance can be reduced or eliminated near the load.
Applications
Off-line distribution for PFC
front ends
Isolated intermediate bus for
non-isolated POL
Telecommunication systems
Networking
Servers
ATE
100°C baseplate operation
352 V to 11 V Bus Converter
300 Watt (450 Watt for 1 ms)
High density – up to 390 W/in3
Small footprint – 1.64 and 2.08 in2
Height above board – 0.37 in (9.5 mm)
Low weight – 1.10 oz (31.3 g)
ZVS / ZCS isolated sine amplitude converter
T
ypical efficiency 95%
<1 µs transient response
>3.5 million hours MTBF
Isolated output
No output filtering required
Lead free wave solder compatible
Agency approvals
Features
BC
352
A
110
T
030
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Power
Designator
(=POUT /10)
Part Numbering
Bus
Converter
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm


同様の部品番号 - BC352A110T030FP

メーカー部品番号データシート部品情報
logo
Vicor Corporation
BC352A110T030FP VICOR-BC352A110T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

同様の説明 - BC352A110T030FP

メーカー部品番号データシート部品情報
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com