データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575-5 データシート(PDF) 7 Page - Motorola, Inc

部品番号 LM2575-5
部品情報  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-5 データシート(HTML) 7 Page - Motorola, Inc

Back Button LM2575-5 Datasheet HTML 3Page - Motorola, Inc LM2575-5 Datasheet HTML 4Page - Motorola, Inc LM2575-5 Datasheet HTML 5Page - Motorola, Inc LM2575-5 Datasheet HTML 6Page - Motorola, Inc LM2575-5 Datasheet HTML 7Page - Motorola, Inc LM2575-5 Datasheet HTML 8Page - Motorola, Inc LM2575-5 Datasheet HTML 9Page - Motorola, Inc LM2575-5 Datasheet HTML 10Page - Motorola, Inc LM2575-5 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM2575
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 14. Typical Test Circuit
D1
1N5819
L1
330
µH
Output
2
4
Feedback
Cout
330
µF
/16 V
Cin
100
µF/50 V
LM2575–5
1
5
3ON/OFF
Gnd
Vin
Load
Vout
Regulated
Output
Vin
Unregulated
DC Input
8.0 V – 40 V
D1
1N5819
L1
330
µH
Output
2
4
Feedback
Cout
330
µF
/16 V
Cin
100
µF/50 V
LM2575
Adjustable
1
5
3ON/OFF
Gnd
Vin
Load
Vout
Regulated
Output
Unregulated
DC Input
8.0 V – 40 V
5.0 Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1 )
R2
R1
R2
+ R1
Vout
V
ref
–1
Where Vref = 1.23 V, R1
between 1.0 k
Ω and 5.0 kΩ
R2
R1
+
+
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate voltage transients which can generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 14, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single–point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2
(emitter of the internal switch) of the LM2575 should be kept
to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2575 regulator.


同様の部品番号 - LM2575-5

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BT MICREL-LM2575-5.0BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

同様の説明 - LM2575-5

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575D2T-005 ONSEMI-LM2575D2T-005 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
   EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com