データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MBL3245AFT データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7MBL3245AFT
部品情報  Octal Low Voltage Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245AFT データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7MBL3245AFT Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245AFT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MBL3245AFT/FK
2008-09-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBL3245AFT, TC7MBL3245AFK
Octal Low Voltage Bus Switch
The TC7MBL3245A provides eight bits of low-voltage,
high-speed bus switching in a standard ’245 device pinout. The
low ON-resistance of the switch allows connections to be made
with minimal propagation delay and while maintaining CMOS
low power dissipation.
The device comprises a single 8-bit switch. When output enable
( OE ) is low, the switch is on and port A is connected to port B.
When OE is high, the switch is open and a high-impedance
state exists between the two ports.
All inputs are equipped with protection circuits to guard
against static discharge.
Features
• Operating voltage: VCC = 2.0 to 3.6 V
• High speed: tpd = 0.31 ns (max) @ VCC = 3.0 V
• Low ON-resistance: RON = 5 Ω (typ.) @ VCC = 3.0 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs ( OE input only)
• Package: TSSOP20,VSSOP20 (US20)
• Pin compatible with the 74xx245 type
Pin Assignment (top view)
TC7MBL3245AFT
TC7MBL3245AFK
Weight:
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
VCC
20
OE
B1
B2
19
18
17
NC
1
2
3
4
A3
A1
A2
(top view)
B3
16
B4
B5
B6
15
14
13
A4
5
6
7
8
A7
A5
A6
B7
B8
12
11
9
10
GND
A8
NC-No Internal Connection


同様の部品番号 - TC7MBL3245AFT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
More results

同様の説明 - TC7MBL3245AFT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com