データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MBL3245SFTG データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC7MBL3245SFTG
部品情報  Low Voltage/Low Capacitance Octal Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245SFTG データシート(HTML) 3 Page - Toshiba Semiconductor

  TC7MBL3245SFTG Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3245SFTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC7MBL3245SFT/FK/FTG
2009-01-20
3
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Parameter
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
“H” level
VIH
1.65 to
3.6
0.7
×
VCC
Input voltage
“L” level
VIL
1.65 to
3.6
0.3
×
VCC
V
Input leakage current
IIN
VIN = 0 to 3.6V
1.65 to
3.6
±1.0
μA
Power off leakage current
IOFF
OE
= 0 to 3.6 V
0
1.0
μA
Off-state leakage current
(switch off)
ISZ
A, B
= 0 to VCC , OE = VCC
1.65 to
3.6
±1.0
μA
VIS = 0 V, IIS = 30 mA
(Note1)
3.0
9
13
VIS = 3.0 V, IIS = 30 mA
(Note1)
3.0
15
20
VIS = 2.4 V, IIS = 15 mA
(Note1)
3.0
19
27
VIS = 0 V, IIS = 24 mA
(Note1)
2.3
10
16
VIS = 2.3 V, IIS = 24 mA
(Note1)
2.3
17
24
On resistance
(Note2)
RON
VIS = 2.0 V, IIS = 15 mA
(Note1)
2.3
21
30
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
3.6
10
μA
Note1: All typical values are at Ta=25
°C.
Note2: Measured by the voltage drop between A and B pins at the indicated current through the switch.
On resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
6
2.5
± 0.2
7
Output enable time
tpZL
tpZH
Figure 1, Figure 2
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output disable time
tpLZ
tpHZ
Figure 1, Figure 2
1.8
± 0.15
11
ns
Capacitive Characteristics (Ta
= 25°C)
Characteristics (Note)
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
3.0
3
pF
OE
= VCC (switch off)
3.0
6
pF
Switch terminal capacitance
CI/O
OE = GND (switch on)
3.0
12
pF
Note : This parameter is guaranteed by design


同様の部品番号 - TC7MBL3245SFTG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245BFK TOSHIBA-TC7MBL3245BFK Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
More results

同様の説明 - TC7MBL3245SFTG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
   Low Capacitance Octal Bus Switch
2014-03-01
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com